SVB-AZ-R/CE
AI

The **SVB-AZ-R/CE** is a specialized safety component, typically part of a **Safety Door Interlock System** or **Rotary Switch Disconnector** assembly (often associated with brands like Eaton/Moeller or similar industrial safety manufacturers).
Below is a breakdown of the electronic and electromechanical components of this part.
---
### 1. Technical Specifications Overview
The electronic design focuses on high-reliability switching and adherence to industrial safety standards (CE compliance).
| Feature | Description |
| :--- | :--- |
| **Contact Type** | Auxiliary Contact / Main Disconnector |
| **Housing Material** | Thermoplastic, high impact resistance |
| **IP Rating** | IP65 (Dust-tight and protected against water jets) |
| **Operating Voltage** | Typically rated up to 690V AC |
| **Safety Standard** | CE, IEC/EN 60947-3 |
---
### 2. Core Electronic/Mechanical Parts
#### A. Contact Block (Auxiliary and Main)
* **Purpose:** The electronic "bridge" that opens or closes the circuit.
* **Composition:** Silver-nickel (AgNi) or silver-tin-oxide (AgSnO2) contacts are often used to prevent welding under high current loads.
* **Action:** It features **Positive Opening Operation**, ensuring that even if the contacts weld together, the physical force of turning the switch will force them apart.
#### B. The Actuator Mechanism
* **Rotary Drive:** A mechanical interface that converts the physical turn of the handle into a linear motion to separate the internal copper busbars.
* **Locking Feature:** Includes a mechanism for "Lockout/Tagout" (LOTO), usually allowing up to 3 padlocks.
#### C. Terminal Connections
* **Terminals:** Box-style or screw-type terminals designed to handle solid or stranded wire (typically 0.75mm² to 2.5mm² for auxiliary models).
* **Insulation:** High dielectric strength barriers between terminals to prevent arcing between phases.
---
### 3. Safety Design Principles
The "CE" suffix indicates it meets European Union safety, health, and environmental requirements.
1. **Redundancy:** Often designed to be integrated into a dual-channel safety system (PL e or SIL 3) when paired with a safety relay.
2. **Visible Indication:** The electronic state is mirrored by the physical handle position (0/OFF vs. 1/ON).
3. **Tamper Resistance:** The AZ (Actuator) portion is designed to resist bypass attempts using simple tools.
---
### 4. Typical Application Wiring
In a standard industrial control panel, the SVB-AZ-R/CE is wired as follows:
```mermaid
graph LR
Power_Source --> SVB_Main_Contacts
SVB_Main_Contacts --> Motor/Load
SVB_Aux_Contact --> Safety_Relay
Safety_Relay --> PLC_Emergency_Stop
```
- ⤷
What is the maximum current rating for the SVB-AZ-R/CE model?
- ⤷ How do you integrate this part into a SIL 3 safety circuit?
- ⤷ Is this specific model compatible with Eaton P1 or P3 switch disconnectors?