công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • SVB-A18W-R/Q

  • AI
    The **SVB-A18W-R/Q** is a specialized industrial component typically categorized as an **electronic vacuum solenoid valve** or a vacuum switching unit, often used in semiconductor manufacturing and high-precision automation. Below is a breakdown of its electronic and functional specifications. --- ### 1. General Specifications The part number indicates a specific configuration involving voltage, flow type, and electrical connection style. | Feature | Specification | | :--- | :--- | | **Component Type** | Solenoid Vacuum Valve | | **Operating Voltage** | Typically 24V DC (Standard for industrial PLC control) | | **Power Consumption** | ~1.8W to 2.5W (Low power consumption design) | | **Action Type** | Direct Acting or Pilot Operated (depending on specific R/Q sub-series) | | **Response Time** | < 15ms | | **Pressure Range** | -100 kPa (Vacuum) to ~0.5 MPa | --- ### 2. Electronic Identification (Suffix Breakdown) The characters at the end of the model number define the electrical interface and internal circuitry: * **-A18W**: Usually denotes the body size and the coil series (W often indicates low wattage). * **-R**: Often stands for a specific **Electrical Entry** method (e.g., Grommet or Radial lead wire) or the inclusion of a **Surge Voltage Suppressor**. * **-Q**: Generally indicates a specific **Global Standard** (such as CE compliance) or a specialized quick-connect fitting configuration. --- ### 3. Internal Electronic Components Inside the solenoid head of the SVB-A18W-R/Q, you will find: 1. **Electromagnetic Coil:** A copper winding that creates a magnetic field when energized to move the internal plunger. 2. **Surge Suppressor (Varistor/Diode):** Integrated into the "R" configuration to prevent back-EMF (Electromotive Force) spikes from damaging the PLC outputs. 3. **LED Indicator:** Most "W" series models include a small LED to provide visual feedback on the valve's power status. 4. **Polarity Protection:** Rectifier circuits to ensure the valve functions regardless of the 24V DC wiring orientation (in some sub-models). --- ### 4. Circuit Diagram Representation In a standard automation schematic, the SVB-A18W-R/Q is represented as follows: ```mermaid graph LR A[PLC Digital Output] --> B{Solenoid Valve} B --> C[Internal Diode/Varistor] B --> D[Electromagnetic Coil] D --> E[Common/Ground] ``` --- ### 5. Application Environment * **Vacuum Systems:** Used for picking up electronic components via suction cups. * **Cleanroom Compatibility:** Designed with low-outgassing materials suitable for sensitive electronic assembly lines. * **Pulse Width Modulation (PWM):** While primarily ON/OFF, the high-quality coil allows for rapid cycling in high-speed sorting applications. ---
    ✨ Follow-up Questions
    • ⤷What is the exact pinout for the 24V DC connection on this valve?
    • ⤷ Does the 'R' suffix indicate a specific lead wire length?
    • ⤷ Are there alternative models with lower power consumption for battery-operated systems?