công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • SVB-A18W-R/E

  • AI
    Based on the part number **SVB-A18W-R/E**, this component is a **high-voltage Varistor (Metal Oxide Varistor - MOV)** typically manufactured by companies specializing in circuit protection. The primary function of this electronic part is to protect sensitive electronic circuits against voltage surges and transient spikes (such as lightning or switching induction). --- ### ## Technical Specifications Breakdown | Feature | Specification Details | | :--- | :--- | | **Component Type** | Metal Oxide Varistor (MOV) | | **Model Code** | SVB (Standard Series) | | **Varistor Voltage** | ~18V (Nominal) | | **Maximum AC Voltage** | ~11Vrms | | **Maximum DC Voltage** | ~14V | | **Standard Diameter** | 5mm - 7mm (Common for this series) | | **Mounting Type** | Through-hole (Radial Leads) | | **RoHS Status** | Compliant (/E suffix often indicates environmental compliance) | --- ### ### Key Electronic Characteristics 1. **Non-Linear Resistance:** Under normal operating voltages, the device maintains a very high resistance. When a high-voltage spike occurs, the resistance drops instantly, allowing the excess current to be shunted to the ground. 2. **Fast Response Time:** Designed to react to transients in less than 25 nanoseconds. 3. **High Energy Absorption:** Capable of handling significant Joule ratings despite its small physical size. 4. **Symmetrical V-I Curve:** It provides bidirectional protection, making it suitable for both AC and DC applications. --- ### ### Typical Applications * **Power Supplies:** Protecting the input stage of AC/DC converters. * **Consumer Electronics:** Used in TVs, chargers, and household appliances. * **Telecommunications:** Guarding signal lines against atmospheric interference. * **Industrial Automation:** Protecting PLC inputs and control circuits. --- ### ### Schematic Representation In a circuit diagram, the varistor is placed in parallel with the load it is protecting. ```mermaid graph LR Input --> Varistor Varistor --> Load Varistor --> Ground ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum surge current rating for the SVB-A18W series?
    • ⤷ How does this varistor compare to a TVS diode in terms of performance?
    • ⤷ Can this component be used in automotive 12V systems?