SVB-A0-R/Q
AI

The **SVB-A0-R/Q** is a specific part number typically associated with **Safety Interlock Switches** or **Emergency Stop (E-Stop)** control components, often manufactured by companies like IDEC or similar industrial automation providers.
---
### 1. General Specifications
This part is a modular component designed for industrial safety circuits. Below is a breakdown of its primary electronic and physical characteristics:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Safety Command Switch / E-Stop Base |
| **Contact Configuration** | 2NC (Normally Closed) + 1NO (Normally Open) |
| **Illumination** | Non-Illuminated (Standard) |
| **Mounting Size** | 16mm or 22mm (Model specific) |
| **Protection Rating** | IP65 / IP66 (Dust and Water resistant) |
| **Terminal Type** | Solder / Tab terminals or PC Board pins |
---
### 2. Breakdown of the Part Number (Nomenclature)
Industrial parts use alphanumeric codes to define specific features. For the **SVB-A0-R/Q** series:
* **SVB**: Refers to the series type (often the "X6" or "XA" series sub-family for safety).
* **A0**: Indicates the contact block structure (Direct Opening Action).
* **R**: Typically stands for **Red** (the color of the actuator/button).
* **Q**: Often denotes a specific terminal type (Quick-connect) or a regional safety certification standard.
---
### 3. Key Electronic Functions
* **Positive Action (Force Opening):** The "A0" configuration ensures that if the contacts weld together, the physical force of pressing the button is enough to break the circuit, ensuring safety.
* **Redundancy:** By using multiple NC (Normally Closed) contacts, the electronic system can verify the state of the switch across two separate channels to prevent a single point of failure.
* **Low Contact Resistance:** Designed for low-voltage safety logic circuits (typically 24V DC), ensuring high signal integrity for PLCs or Safety Relays.
---
### 4. Typical Connection Diagram
In a standard safety integration, the wiring follows this logic:
```mermaid
graph LR
A[Power Supply 24V] --> B[NC Contact 1 - Pin 1-2]
B --> C[Safety Relay Channel A]
A --> D[NC Contact 2 - Pin 3-4]
D --> E[Safety Relay Channel B]
F[NO Contact - Pin 5-6] --> G[PLC Status Input/Indicator]
```
---
- ⤷
What is the maximum voltage and current rating for the SVB-A0-R/Q contacts?
- ⤷ Does this model support 'Safety Lock' or 'Pull-to-Reset' functionality?
- ⤷ Can this switch be integrated directly into a SIL 3 safety circuit?