công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • SVB-6Z-R/K

  • AI
    The **SVB-6Z-R/K** is a specific model of a **Solenoid Valve Block** (often associated with pneumatic or hydraulic control systems). This component acts as an interface between electronic control signals and mechanical fluid/air movement. ### 1. Component Overview The SVB-6Z-R/K is typically an assembly consisting of an electromagnetic coil (solenoid) and a valve body. | Feature | Description | | :--- | :--- | | **Type** | Solenoid Valve / Valve Manifold Block | | **Control Signal** | Usually 24V DC (Standard for Industrial PLC) | | **Configuration** | 6-Station / 6-Zone (Indicated by "6Z") | | **Return Type** | Spring Return or Detent (Indicated by "R/K" variations) | --- ### 2. Electronic Specifications From an electronics perspective, this part functions as an **inductive load**. * **Coil Voltage:** Most commonly **24V DC**, though some variants support 110V/220V AC. * **Power Consumption:** Typically ranges between **1.5W to 4.5W** per coil. * **Connection Type:** Usually features a **DIN 43650** connector (Form C or B) or an M12 circular connector for industrial automation. * **Switching Frequency:** Capable of high-speed cycling (measured in milliseconds). --- ### 3. Key Internal Parts The electronic functionality relies on the following internal structure: 1. **Electromagnetic Coil:** A copper winding that generates a magnetic field when current flows through it. 2. **Armature/Plunger:** A ferromagnetic rod that moves in response to the magnetic field to open or close the valve orifice. 3. **LED Indicator:** Often integrated into the plug to show when power is being supplied to the coil. 4. **Surge Suppressor (Flyback Diode/Varistor):** Integrated into the electronics to protect the PLC (Programmable Logic Controller) from voltage spikes caused by the collapsing magnetic field when the coil is turned off. --- ### 4. Typical Wiring Diagram In a standard industrial setup, the wiring follows this logic: ```yaml Pin 1: Positive (+24V DC) - Signal from PLC Output Pin 2: Negative (0V/Common) Pin 3: Ground (Earth protection) ``` --- ### 5. Identification Code Breakdown While manufacturer-specific, the suffix generally follows this logic: * **SVB:** Solenoid Valve Block. * **6Z:** 6 Zones/Stations (controlling 6 different actuators). * **R:** Reset/Return mechanism (Spring). * **K:** Connector type or specialized Valve logic.
    ✨ Follow-up Questions
    • ⤷ What is the exact voltage and current rating for the SVB-6Z-R/K coil?
    • ⤷ Does this valve block support fieldbus protocols like IO-Link or Profibus?
    • ⤷ What are the common failure modes for the electronic coil in this unit?