công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • SVB-6Z-R/CE

  • AI
    The **SVB-6Z-R/CE** is a specialized electronic control component, typically used in industrial hydraulic systems. It is part of the **SVB series** of electronic control units (amplifiers/controllers) designed to interface with proportional valves. ### 1. Key Technical Specifications The following table highlights the core electrical and mechanical characteristics: | Feature | Specification | | :--- | :--- | | **Component Type** | Electronic Proportional Valve Controller / Amplifier | | **Control Signal** | 0 to ±10V DC or 4-20mA (depending on wiring) | | **Power Supply** | 24V DC (Standard Range 18-30V) | | **Output Current** | Typically up to 2.5A (for driving solenoids) | | **Mounting** | DIN Rail Mounting (6-unit width module) | | **Protection Class** | IP20 (Indoor/Cabinet use) | | **Compliance** | CE (European Conformity) | --- ### 2. Primary Electronic Functions The SVB-6Z-R/CE acts as the "brain" between a PLC (Programmable Logic Controller) and a hydraulic valve. Its electronic parts perform several critical roles: * **Signal Processing:** It converts low-voltage analog command signals from a control system into high-power current signals required to move the hydraulic spool. * **PWM (Pulse Width Modulation):** It uses PWM technology to control the solenoid. This minimizes heat generation while allowing for precise positioning of the valve. * **Dither Generation:** A small, high-frequency vibration (dither) is superimposed on the output signal. This reduces static friction (stiction) in the valve, ensuring smoother movement and better response. * **Ramp Adjustments:** The unit features internal potentiometers or digital settings to adjust the "Ramp Time." This prevents sudden hydraulic shocks by smoothing out the acceleration and deceleration of the valve. --- ### 3. Component Breakdown The "R/CE" suffix provides specific information about its electronic configuration: 1. **"SVB-6Z":** Refers to the series and the Euro-card format or standardized modular housing. 2. **"R":** Indicates a specific revision or integrated feedback loop (often related to positional feedback for higher accuracy). 3. **"CE":** Certifies that the electronic components meet European standards for Electromagnetic Compatibility (EMC) and safety. --- ### 4. Typical Wiring Pinout (General) While specific diagrams should be sourced from the manufacturer's manual, the electronic interface usually consists of: * **Pins 1-2:** Power Supply Input (+24V and Ground). * **Pins 3-4:** Command Signal Input (Reference voltage). * **Pins 5-6:** Output to the Proportional Solenoid. * **Optional:** Enable input (allows the system to "kill" power to the valve for safety). ---
    ✨ Follow-up Questions
    • ⤷What are the most common causes of failure for the SVB-6Z-R/CE?
    • ⤷ How do I calibrate the dither and ramp settings on this controller?
    • ⤷ Can this unit be used with valves from different manufacturers?