SVB-5Z-R/CE
AI

The **SVB-5Z-R/CE** is an electronic component primarily classified as a **solenoid valve**, specifically designed for pneumatic control systems. It is commonly manufactured by companies like **SMC** or specialized industrial automation firms.
Below is a detailed breakdown of its electronic and functional specifications.
---
### 1. Key Technical Specifications
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | Solenoid Valve (Directional Control) |
| **Actuation Type** | 5-Port, 2-Position (Single or Double Solenoid) |
| **Voltage Options** | Typically 24V DC or 110V/220V AC (Standard "5Z" often denotes 24V DC) |
| **Power Consumption** | Low wattage (approx. 0.35W to 0.5W for DC models) |
| **Electrical Entry** | Plug-in connector / M-plug / L-plug with LED indicator |
| **Compliance** | CE Certified (indicated by the /CE suffix) |
---
### 2. Electronic Component Breakdown
The SVB-5Z-R/CE consists of several critical electronic sub-parts that enable its operation:
#### A. The Electromagnetic Coil
This is the heart of the valve. When an electrical current passes through the copper windings of the coil, it creates a magnetic field. This field moves a plunger (armature) to open or close the air passages.
#### B. LED Indicator & Surge Suppressor
The "5Z" designation usually implies a specific electrical entry style that includes:
* **LED Status Light:** Provides a visual confirmation that the coil is energized.
* **Surge Suppressor (Varistor/Diode):** Protects the controlling PLC (Programmable Logic Controller) from "back EMF" or voltage spikes when the coil is de-energized.
#### C. Electrical Interface (Lead Wires/Connectors)
The unit typically uses a **Plug-in** or **Grommet** type interface. This allows for quick replacement without rewiring the entire system.
---
### 3. Functional Logic
The valve operates on a **5-port** logic system:
1. **Port 1 (P):** Pressure Inlet.
2. **Ports 2 & 4 (A & B):** Output ports to the cylinder/actuator.
3. **Ports 3 & 5 (R1 & R2):** Exhaust ports for releasing air.
The **"R"** in the part number often denotes a specific mounting style (such as a sub-plate or a specific return mechanism like a spring return).
---
### 4. Application Environments
Due to the **CE Certification**, this part is designed to meet European safety, health, and environmental protection requirements, making it ideal for:
* Automated assembly lines.
* Packaging machinery.
* Robotic pneumatic grippers.
* Industrial process control.
- ⤷
What are the wiring differences between the AC and DC versions of this valve?
- ⤷ How does the 'surge suppressor' protect a connected PLC?
- ⤷ Can this valve be mounted on a manifold block?