SVB-5WC-R/Q
AI

The **SVB-5WC-R/Q** refers to a specific series of high-performance **Electromagnetic Buzzers** (specifically Surface Mount Devices or SMD) often used in consumer electronics and automotive signaling.
Below is the technical breakdown of the electronic components and characteristics of this part.
---
### 1. General Specifications
These components are designed to convert electrical signals into audible sound via electromagnetic induction.
| Property | Typical Value / Specification |
| :--- | :--- |
| **Type** | Electromagnetic / Magnetic Transducer |
| **Mounting Type** | SMD (Surface Mount Device) |
| **Rated Voltage** | 5.0 Vp-p |
| **Operating Voltage** | 3.0 ~ 7.0 Vp-p |
| **Rated Current** | Max 80 mA |
| **Sound Pressure Level (SPL)** | Min 85 dB (at 10cm distance) |
| **Resonant Frequency** | 2,700 Hz (approx.) |
| **Operating Temperature** | -40°C to +85°C |
---
### 2. Internal Electronic Construction
The SVB-5WC series consists of several key internal parts:
1. **The Coil:** A copper winding that creates a magnetic field when current flows through it.
2. **The Magnet:** A permanent magnet that provides a bias field.
3. **The Diaphragm:** A thin metal plate (often iron) that is pulled by the magnetic field and released, creating sound waves.
4. **Housing:** A heat-resistant LCP (Liquid Crystal Polymer) plastic case designed to withstand Reflow Soldering temperatures.
---
### 3. Application Circuit (Example)
Since this is a **transducer** (and not a "self-drive" indicator), it requires an external oscillating circuit to produce sound. You cannot simply apply constant DC voltage to it.
```c
// Example Pseudocode for driving the buzzer using PWM
void setup() {
pinMode(BUZZER_PIN, OUTPUT);
}
void loop() {
tone(BUZZER_PIN, 2700); // Generate 2.7kHz square wave
delay(500); // Beep for 0.5s
noTone(BUZZER_PIN); // Silence
delay(500);
}
```
---
### 4. Key Features & Usage
* **Reflow Compatibility:** The "R" in the suffix often denotes "Tape and Reel" packaging suitable for automated pick-and-place machines and reflow soldering.
* **Small Footprint:** Highly compact, making it ideal for portable medical devices, handheld scanners, and automotive dashboards.
* **Reliability:** Because it uses magnetic induction rather than piezo crystals, it is often more durable in high-vibration environments.
---
- ⤷What is the difference between a transducer and an indicator buzzer?
- ⤷ How do I calculate the flyback diode needed for this magnetic buzzer?
- ⤷ Can this component be washed after reflow soldering?