SVB-5G-R/CE
AI

The **SVB-5G-R/CE** is a specialized electronic component commonly used in industrial automation, specifically within safety-related control systems. It is primarily identified as an **Emergency Stop (E-Stop) or Safety Switch Assembly**, often integrated with safety relay systems to ensure machinery can be halted instantly in the event of an emergency.
---
### 1. Key Technical Specifications
The "SVB" series typically refers to "Safety Visual Breaker" or "Safety Valve/Switch Body" configurations. Below is a breakdown of the typical electronic and mechanical specifications for this model:
| Feature | Specification |
| :--- | :--- |
| **Model Type** | Safety Switch / Emergency Disconnect |
| **Input Voltage** | Typically 24V DC or 110V-240V AC (Load Dependent) |
| **Current Rating** | High-amperage capacity (standardly 16A to 32A) |
| **Contact Configuration** | Normally Closed (NC) for safety loops |
| **IP Rating** | IP65 or IP67 (Dust and Water resistant) |
| **Certification** | CE (European Conformity), RoHS Compliant |
---
### 2. Electronic Component Breakdown
The SVB-5G-R/CE consists of several critical electronic and electromechanical parts:
#### A. Contact Blocks
* **Redundant Contacts:** Usually features dual-channel contacts to ensure that if one contact fails (welds shut), the second contact will still open the circuit.
* **Positive Opening Operation:** The contacts are physically forced apart by the movement of the switch, rather than relying solely on springs.
#### B. The Actuator (The "R" in the model)
* **The "R" suffix** often denotes a **Rotary** or **Red** actuator.
* In safety electronics, the red handle on a yellow background is the universal signal for an emergency disconnect device.
#### C. Termination Points
* **Screw Terminals:** High-torque terminals designed to hold thick-gauge industrial wiring securely.
* **Grounding Point:** A dedicated terminal to ensure the metal or shielded parts of the assembly are properly earthed to prevent electric shock.
---
### 3. Application in Circuits
In an industrial control panel, the SVB-5G-R/CE acts as the **Primary Interrupter**. It is wired in series with the safety relay or the main contactor coil.
1. **Safety Loop:** It monitors the "Closed" state.
2. **Trigger:** When the switch is turned (or pressed), the physical link is severed.
3. **Feedback:** Many versions include an auxiliary contact (NO) to send a signal to a PLC (Programmable Logic Controller) to indicate exactly which switch was triggered.
---
### 4. Meaning of Suffixes
* **5G:** Often refers to the physical size or the generation of the switch housing.
* **R:** Red handle/Actuator.
* **CE:** Compliance with European safety, health, and environmental protection standards.
- ⤷
What are the wiring diagrams for a dual-channel safety loop using the SVB-5G?
- ⤷ Can the SVB-5G-R/CE be used in explosive atmospheres (ATEX)?
- ⤷ What is the mechanical lifespan (number of cycles) for this specific safety switch?