SVB-4Z-R/CE
AI

The **SVB-4Z-R/CE** is a high-performance electronic component typically used in automation and control systems. It is part of the **SVB series**, which generally refers to safety relay modules or valve bank controllers designed for industrial environments.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. General Specifications
The SVB-4Z-R/CE is designed to manage electrical signals for safety or distribution circuits. The "4Z" typically indicates the number of zones or circuits, while the "R" often denotes a relay-based output.
| Feature | Description |
| :--- | :--- |
| **Model Number** | SVB-4Z-R/CE |
| **Circuit Type** | 4-Zone / 4-Channel Control |
| **Output Type** | Relay (Electromechanical or Solid State) |
| **Compliance** | CE (European Conformity) Certified |
| **Mounting** | DIN Rail or Surface Mount |
---
### 2. Electronic Core Components
The device consists of several critical electronic sub-assemblies to ensure reliable switching and protection:
* **Relay Units:** Act as the physical switches that open or close circuits. These are rated for high-cycle life to withstand frequent industrial operations.
* **Optocouplers:** Used for electrical isolation between the control signal (low voltage) and the power output (high voltage) to protect the PLC or controller.
* **LED Indicators:** Standard diagnostic LEDs that show the status of each zone (Active, Fault, or Power).
* **Protection Circuitry:** Includes Varistors (MOVs) or Diodes to prevent back-EMF (voltage spikes) when switching inductive loads.
---
### 3. Wiring and Connectivity
The unit uses standardized terminal blocks for easy integration into an electrical cabinet.
#### Pin Configuration Principles
1. **Power Input (V+/V-):** Usually 24V DC for industrial control logic.
2. **Control Inputs:** Receives signals from a PLC, sensor, or emergency stop button.
3. **Relay Outputs (COM/NO/NC):**
* **COM:** Common terminal.
* **NO:** Normally Open (closes when triggered).
* **NC:** Normally Closed (opens when triggered).
---
### 4. Technical Performance Data
| Parameter | Typical Value |
| :--- | :--- |
| **Operating Voltage** | 24V DC (±10%) |
| **Switching Current** | Up to 5A - 8A per channel (load dependent) |
| **Switching Voltage** | Max 250V AC / 30V DC |
| **Response Time** | < 20ms |
| **Temperature Range** | -20°C to +55°C |
---
### 5. Application Use Cases
* **Safety Interlocks:** Managing emergency stop signals across four distinct zones.
* **Solenoid Valve Control:** Directing pneumatic or hydraulic valves in a manufacturing line.
* **Signal Multiplication:** Taking one input signal and triggering four isolated outputs.
- ⤷
What is the maximum switching frequency for the SVB-4Z-R/CE relays?
- ⤷ Does this model support Modbus or other communication protocols?
- ⤷ What are the specific wiring requirements for inductive vs. resistive loads?