công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • SVB-4WE-R/CE

  • AI
    The **SVB-4WE-R/CE** is a specific model within a series of industrial signaling devices, typically categorized as a **Multi-Stack LED Signal Tower** or "Beacon" with an integrated audible alarm. These components are essential in automation for status visualization. --- ### 1. Technical Specifications Overview The model name typically breaks down into specific electronic characteristics: | Feature | Specification | Description | | :--- | :--- | :--- | | **Series** | SVB | Compact Signal Tower Series | | **Tiers** | 4 | Four distinct LED color modules | | **Voltage** | 24V AC/DC | Standard industrial control voltage | | **Light Type** | LED | Low power consumption, high durability | | **Mounting** | Direct/Pole | CE compliant structural housing | | **Alarm** | Integrated | Built-in buzzer/electronic siren | --- ### 2. Key Electronic Components The SVB-4WE-R/CE operates using several core electronic subsystems: #### A. LED Array Modules Unlike traditional incandescent bulbs, these use high-intensity **SMD LEDs**. * **Efficiency:** Consumes significantly less current (approx. 20-50mA per tier). * **Longevity:** Rated for 50,000+ hours of continuous operation. * **Colors:** Usually configured as Red, Amber, Green, and Blue (or Clear). #### B. Driver Circuitry The internal PCB (Printed Circuit Board) manages the power distribution to each tier. * **Input Protection:** Includes diodes to prevent damage from reverse polarity. * **Switching:** Uses transistors or optoisolators to trigger specific colors based on the PLC (Programmable Logic Controller) output signals. #### C. Acoustic Generator (Buzzer) The "R" in the suffix often denotes the inclusion of a rhythmic or continuous audible signal. * **Piezoelectric Element:** Uses a ceramic disc that vibrates when voltage is applied to create sound. * **Decibel Rating:** Typically generates 80-90dB at 1 meter. #### D. Compliance Standard (CE) The **CE** marking indicates the internal electronics meet European safety standards, specifically: * **EMC Directive:** Ensures the device does not emit electromagnetic interference and is immune to interference from other machines. * **Low Voltage Directive (LVD):** Ensures electrical insulation and wiring safety. --- ### 3. Wiring Configuration The device usually features a multi-core cable where each wire corresponds to a specific function: ```yaml Wiring Layout (Typical): - Red Wire: Red Light Layer - Amber/Yellow Wire: Amber Light Layer - Green Wire: Green Light Layer - Blue/White Wire: Blue Light Layer - Purple/Gray Wire: Buzzer/Alarm - Black/Blue: Common (Negative/Neutral) ``` --- ### 4. Application in Automation These parts are electronically interfaced with: * **PLCs:** Using NPN or PNP transistor outputs. * **Safety Relays:** To indicate emergency stop (E-Stop) conditions. * **Sensors:** Directly triggered by limit switches or proximity sensors in simple circuits. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between NPN and PNP wiring for this signal tower?
    • ⤷ Can the buzzer volume be adjusted electronically or mechanically?
    • ⤷ What is the IP rating for the SVB-4WE-R/CE regarding dust and water protection?