SVB-4DW-R/CE
AI

The **SVB-4DW-R/CE** is a high-performance **Safety Relay Module** manufactured by **IDEC** (often part of their safety networking or light curtain controller series). This component is designed to monitor safety inputs and ensure a fail-safe state in industrial automation environments.
---
### ## Technical Specifications Overview
The "R/CE" suffix indicates that the unit is a relay output model and is compliant with European (CE) safety standards.
| Component Feature | Specification |
| :--- | :--- |
| **Device Type** | Safety Relay Control Module |
| **Input Voltage** | 24V DC |
| **Safety Category** | Up to Category 4 (EN ISO 13849-1) |
| **Performance Level** | PL e |
| **Outputs** | 4 Normally Open (NO) Safety Outputs |
| **Auxiliary Output** | 1 Normally Closed (NC) Monitoring Output |
| **Mounting** | 35mm DIN Rail |
| **Terminal Type** | Screw Terminals (Detachable) |
---
### ### Key Electronic Components & Internal Logic
The internal architecture of the SVB-4DW-R/CE is built around **Redundancy** and **Self-Monitoring**.
1. **Dual Microprocessors:** The unit typically uses two independent CPUs that cross-check each other. If one CPU detects a discrepancy in the input signals, the system triggers a "Safe Off" state.
2. **Force-Guided Relays:** Unlike standard relays, these have mechanically linked contacts. If one contact welds shut, the linked contact remains open, preventing the safety circuit from resetting and providing a hardware-level fault detection.
3. **Opto-Isolators:** These isolate the internal logic circuitry from the external 24V field wiring to prevent electrical surges from damaging the controller.
4. **Feedback Loop (EDM):** The device includes an External Device Monitoring circuit. This allows the electronic logic to verify that external contactors have actually switched before allowing a restart.
---
### ### Typical Wiring Configuration
Safety relays are wired in a "dual-channel" configuration to ensure that a single wire break or short circuit does not result in a loss of safety function.
```yaml
Terminal | Function
---------|------------------------------------
A1 / A2 | Power Supply (+24V DC / 0V)
S11 / S12| Channel 1 Input (e.g., E-Stop Switch)
S21 / S22| Channel 2 Input (e.g., Light Curtain)
13 / 14 | Safety Output 1 (NO)
23 / 24 | Safety Output 2 (NO)
33 / 34 | Safety Output 3 (NO)
43 / 44 | Safety Output 4 (NO)
51 / 52 | NC Auxiliary Monitoring Contact
```
---
### ### Diagnostic LED Indicators
The front panel contains electronic status indicators essential for troubleshooting:
* **PWR:** Power is supplied to the unit.
* **CH1/CH2:** Status of the dual safety input channels.
* **OUT:** Status of the safety output relays.
* **FAULT:** Blinking patterns indicate internal electronic failure or wiring shorts.
- ⤷
What is the difference between the R/CE and the solid-state output versions of this module?
- ⤷ How do you wire the feedback loop for External Device Monitoring (EDM) on this model?
- ⤷ What are the specific fault codes indicated by the LED blinking patterns?