AI

The **SVB-3G-R/Q** refers to a high-performance **3G-SDI Video SFP (Small Form-factor Pluggable) Module**. These components are critical in broadcast engineering and professional video distribution networks.
Below is a breakdown of its electronic specifications and technical architecture.
---
### 1. Technical Specifications
The "3G" in the model name indicates support for 3Gbps bandwidth, which is necessary for 1080p60 high-definition video transmission.
| Feature | Specification |
| :--- | :--- |
| **Data Rate** | Up to 2.97 Gbps (3G-SDI) |
| **Interface Type** | SFP (Plug-and-Play) |
| **Connector Type** | Dual LC (Fiber) or Micro-BNC/HD-BNC (Coaxial) |
| **Standards** | SMPTE 424M, 292M, 259M |
| **Wavelength** | 1310nm (Standard) or CWDM Grid |
| **Voltage** | 3.3V (Typical) |
---
### 2. Core Electronic Components
Inside the SVB-3G-R/Q module, several key electronic stages process the video signal:
#### A. Reclocker (The "R" in the model)
* **Function:** The internal integrated circuit (IC) performs **Clock and Data Recovery (CDR)**.
* **Purpose:** It suppresses jitter (timing errors) that accumulates over long distances. By "reclocking" the signal, the module ensures the output video is clean and compliant with SMPTE standards.
#### B. Laser Driver / TOSA (Transmitter)
* **TOSA:** Transmitter Optical Sub-Assembly.
* **Driver:** Converts the electrical differential signals from the host board into modulated light pulses for fiber optic transmission.
#### C. ROSA (Receiver)
* **ROSA:** Receiver Optical Sub-Assembly.
* **Function:** Features a high-sensitivity photodiode that converts incoming light back into electrical signals.
#### D. EEPROM (I2C Interface)
* **Function:** Stores identification data (Manufacturer, Serial Number, Wavelength).
* **Digital Diagnostics (DDM):** Allows the host system to monitor temperature, voltage, and laser bias current in real-time.
---
### 3. Suffix Meanings (R/Q)
In professional video electronics, these letters often denote specific configurations:
* **R (Reclocker):** Indicates the unit contains active circuitry to clean the signal.
* **Q (Dual/Quad or Quality Grade):** Often indicates a **Dual Receiver** or **Dual Transmitter** configuration, allowing two independent 3G-SDI signals to pass through a single SFP slot.
---
### 4. Comparison of Signal Types
| Signal Type | Resolution Support | Bitrate |
| :--- | :--- | :--- |
| **SD-SDI** | 480i / 576i | 270 Mbps |
| **HD-SDI** | 720p / 1080i | 1.485 Gbps |
| **3G-SDI** | 1080p60 | 2.97 Gbps |
---
- ⤷What is the difference between a Reclocked SFP and a Non-Reclocked SFP?
- ⤷ How far can the SVB-3G-R/Q transmit signal over single-mode fiber?
- ⤷ Are these modules hot-swappable in a live broadcast switcher?