SVB-3DW-R/CE
AI

The **SVB-3DW-R/CE** is a specialized electronic component primarily used in industrial automation, specifically within safety and monitoring systems. This model typically refers to a **Safety Relay** or a **Safety Controller Module** designed to monitor safety devices like emergency stops, light curtains, or safety gates.
---
### Technical Specifications & Components
The "R/CE" suffix generally indicates specific compliance with European safety standards (CE) and a relay-based output system.
| Feature | Specification Details |
| :--- | :--- |
| **Input Voltage** | Typically 24V DC or 110/230V AC (depending on specific sub-model) |
| **Output Type** | Relay Contacts (Normally Open/Normally Closed) |
| **Safety Category** | Often rated up to Cat 4 / PLe (ISO 13849-1) |
| **Housing** | DIN Rail mountable industrial plastic |
| **Termination** | Screw terminals for secure wiring |
---
### Internal Electronic Architecture
The device functions through a series of redundant electronic stages to ensure failure-proof operation:
1. **Input Conditioning Circuitry:** Filters noise and stabilizes signals coming from external sensors or E-stop buttons.
2. **Redundant Logic (Microcontrollers):** Uses dual-channel processing to compare input signals. If a discrepancy is detected between the two channels, the device triggers a safe shutdown.
3. **Force-Guided Relays:** Unlike standard relays, these use a mechanical linkage that prevents contacts from welding shut, ensuring the circuit can always be opened in an emergency.
4. **Feedback Loop:** A dedicated circuit monitors the status of external contactors to ensure they have actually de-energized.
### Pinout and Connection Logic
While wiring varies by application, the standard electronic interface follows this logic:
```mermaid
graph LR
A[S11/S12: Channel 1] --> B{Safety Logic}
C[S21/S22: Channel 2] --> B
B --> D[13/14: Safety Out 1]
B --> E[23/24: Safety Out 2]
B --> F[X1/X2: Feedback Loop]
```
### Application Use Cases
* **Emergency Stop Monitoring:** Disconnects power to motors immediately when a button is pressed.
* **Safety Gate Interlocking:** Prevents a machine from starting if a protective door is open.
* **Two-Hand Control:** Ensures operators have both hands on controls before a hazardous movement occurs.
---
- ⤷
What are the specific wiring diagrams for connecting an E-stop to this relay?
- ⤷ How does the 'force-guided relay' mechanism differ from a standard relay?
- ⤷ What are the common troubleshooting steps for a 'Channel Fault' on this module?