công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • SVB-2DW-R

  • AI
    The **SVB-2DW-R** is an industrial-grade safety switch/interlock component, typically associated with the **SND series** or similar safety bolt systems used in automation. It is designed to ensure that machinery cannot operate unless a guard is closed and locked. --- ### 1. General Specifications The part number breaks down into specific electrical and mechanical characteristics: | Attribute | Specification | | :--- | :--- | | **Type** | Safety Bolt / Solenoid Interlock Switch | | **Operation** | Power-to-Unlock (Spring Clamp / Solenoid Release) | | **Voltage** | Typically 24V DC (Standard for Industrial Control) | | **Contact Configuration** | 2NC/1NO or 2NC/2NO (Depending on specific series wiring) | | **Protection Rating** | IP67 (Dust tight and water immersion resistant) | --- ### 2. Key Electronic Components & Functionality The SVB-2DW-R functions as an electromechanical interface between a physical barrier and the machine's Control Reliable Safety Circuit. #### A. The Solenoid Assembly * **Function:** The "R" in the suffix often denotes the solenoid release mechanism. * **Logic:** It uses an internal electromagnetic coil to pull the locking pin. In a "Power-to-Unlock" configuration, the machine remains locked if power is lost, ensuring fail-safe security. #### B. Monitoring Contacts (NC/NO) * **Safety Contacts (NC):** These are "Normally Closed" forced-disconnect contacts. When the bolt is retracted or the guard is open, these contacts break the circuit, triggering an Emergency Stop condition in the safety relay. * **Auxiliary Contacts (NO):** Often used for PLC feedback to signal to the HMI (Human Machine Interface) that the gate is unlocked. #### C. Built-in Protection * **Varistor/Diode:** Most units include internal suppression to prevent voltage spikes (back-EMF) when the solenoid coil is de-energized, protecting the connected PLC output cards. --- ### 3. Wiring Terminal Map (Typical) While you should always consult the specific wiring diagram on the side of the unit, the internal electronic layout generally follows this logic: | Terminal Pin | Function | Description | | :--- | :--- | :--- | | **E1 / E2** | Solenoid Power | 24V DC input to actuate the lock. | | **11 / 12** | Safety Circuit 1 | NC contact for dual-channel safety monitoring. | | **21 / 22** | Safety Circuit 2 | NC contact for redundancy (ISO 13849-1 compliance). | | **33 / 34** | Monitor/Status | NO contact for signaling gate status. | --- ### 4. Application Safety Standards The electronic integration of the SVB-2DW-R allows a system to reach high safety integration levels: * **SIL 3** (Safety Integrity Level) * **PLe** (Performance Level e) * **Category 4** (Redundant circuitry)
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout diagram for the SVB-2DW-R solenoid connection?
    • ⤷ Does this model support 'Power-to-Lock' or 'Power-to-Unlock' logic?
    • ⤷ What safety relay is recommended for use with this specific switch?