SVB-1F-R/K
AI

The **SVB-1F-R/K** is a specific model within a series of safety interlock switches, typically manufactured by companies like **IDEC** or similar industrial automation brands. It is part of a "Key Interlock" system used to ensure machinery is de-energized before access is granted to hazardous areas.
---
### 1. General Specifications
The SVB-1F-R/K is an **Electro-Mechanical Safety Interlock**. It functions by bridging the gap between electrical control circuits and physical mechanical locking.
| Component | Specification Details |
| :--- | :--- |
| **Model Type** | Solenoid Interlock Switch (Base Unit) |
| **Operation Type** | Spring Lock / Solenoid Release |
| **Key Type** | Standard Mechanical Key (R/K designation) |
| **Housing Material** | Die-cast Aluminum or Reinforced Plastic (Model dependent) |
| **Contact Configuration** | Typically 1NO + 1NC or 2NC |
---
### 2. Core Electronic Components
The internal "electronics" of the SVB-1F-R/K are primarily electromechanical components designed for high reliability and safety compliance.
#### A. The Solenoid (Actuator)
The heart of the unit is a **Solenoid Coil**.
* **Function:** When energized (or de-energized, depending on safety logic), the magnetic field moves a plunger that physically locks or unlocks the mechanical key.
* **Voltage:** Usually available in **24V DC** (standard for PLCs) or **110V/230V AC**.
#### B. Monitoring Contacts (Micro-switches)
These are the internal switches that signal the status to the Control System (PLC).
* **Solenoid Monitoring:** Tells the system if the lock is engaged.
* **Door/Key Monitoring:** Tells the system if the key is inserted and the gate is closed.
#### C. Built-in LED Indicators
Most units in this series include internal or external LED status indicators:
* **Green:** System Locked / Machine Running.
* **Red:** System Unlocked / Machine Halted.
---
### 3. Wiring and Integration
In a typical industrial circuit, the SVB-1F-R/K is wired into a **Safety Relay** or a **Safety PLC**.
```mermaid
graph LR
A[Safety PLC] -->|24V Signal| B(Solenoid Coil)
B --> C{Mechanical Lock}
D[Feedback Contacts] -->|Status Signal| A
```
#### Electrical Safety Ratings
* **Insulation Voltage (Ui):** 250V to 600V.
* **Thermal Current (Ith):** Typically 10A.
* **Protection Class:** IP67 (Dust tight and protected against immersion).
---
### 4. Key Safety Logic
The "R/K" variant often refers to the **Locking Mechanism Logic**:
1. **Spring Lock (Power-to-Unlock):** The unit stays locked by mechanical spring pressure. You must apply electricity to the solenoid to unlock it. This is preferred for safety in case of power failure.
2. **Solenoid Lock (Power-to-Lock):** The unit stays locked only when electricity is applied.
---
- ⤷
What is the exact voltage requirement for the SVB-1F-R/K solenoid?
- ⤷ How do I wire the NC feedback contacts to a Safety Relay?
- ⤷ Can the mechanical key be duplicated or is it uniquely coded?