SVB-1B-R/K
AI

The **SVB-1B-R/K** is a specific model identifier typically associated with **Safety Limit Switches** or **Emergency Stop (E-Stop) control stations**, often manufactured by companies like **Schlegel** or within specific industrial automation series.
Below is a technical breakdown of its electronic and mechanical components.
---
### 1. Technical Specifications
The "SVB" series generally refers to safety-related control units. The suffix "R/K" usually denotes the physical configuration (Red button/Key release or similar safety variant).
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Emergency Stop Pushbutton / Control Unit |
| **Contact Configuration** | Typically 1 NC (Normally Closed) or 2 NC |
| **Switching Voltage** | 250V AC / DC |
| **Thermal Current ($I_{th}$)** | 10A - 16A (depending on contact block) |
| **Mounting Diameter** | 22.3 mm (Standard) |
| **IP Rating** | IP65 or IP67 (Dust-tight and water-resistant) |
| **Actuation Method** | Mushroom Head (Pull-to-reset or Twist-to-reset) |
---
### 2. Key Electronic & Mechanical Parts
#### A. Contact Blocks
The internal switching mechanism usually consists of modular contact blocks.
* **Safety Function:** These use "Positive Opening" operations, meaning the contacts are forced apart mechanically if the button is pressed, ensuring the circuit breaks even if the contacts try to weld together.
* **Material:** Silver alloy (AgNi) is commonly used for high conductivity and oxidation resistance.
#### B. The Actuator (Mushroom Head)
* **Color Coding:** The "R" in the part number signifies **Red**, the international standard for emergency stops.
* **Locking Mechanism:** Once pressed, the unit mechanically locks in the "OFF" position. It requires a manual action (rotation or pulling) to reset the electrical circuit.
#### C. Housing and Terminals
* **Terminals:** Usually screw-type terminals designed to accept wire gauges between 0.5mm² to 2.5mm².
* **Illumination (Optional):** Some versions include an integrated LED ring or bulb holder to indicate the status of the switch or the machine's power state.
---
### 3. Wiring Logic
The SVB-1B-R/K is integrated into a safety loop (Safety Relay).
```mermaid
graph LR
Power[Power Source] --> Switch[SVB-1B-R/K NC Contact]
Switch --> Relay[Safety Monitoring Relay]
Relay --> Motor[Machine Motor/Load]
```
* **NC (Normally Closed):** In a healthy state, the circuit is closed.
* **Emergency Event:** Pressing the button opens the NC contact, interrupting the signal to the Safety Relay, which immediately cuts power to the machinery.
---
### 4. Typical Applications
1. **Industrial Conveyors:** To stop the line in case of a jam or hazard.
2. **CNC Machines:** Manual override for immediate spindle/axis stoppage.
3. **Control Panels:** Standard E-Stop interface for PLC-controlled systems.
- ⤷
What is the specific difference between the R and K suffixes in this model series?
- ⤷ Does this model support 'Self-Monitoring' contact blocks?
- ⤷ What is the mechanical life expectancy (number of cycles) for this switch?