SVB-16DW-R/E
AI

The **SVB-16DW-R/E** is a high-performance **Video Distribution Amplifier** (VDA) or splitter module, typically used in professional security systems, broadcast environments, or surveillance setups. It is designed to take a single video input and distribute it to multiple outputs while maintaining signal integrity.
---
## Technical Specifications & Components
Below is a breakdown of the electronic characteristics and core features of this module:
| Feature | Specification / Description |
| :--- | :--- |
| **Input Type** | 1 Channel Composite Video (BNC) |
| **Output Type** | 16 Channels Composite Video (BNC) |
| **Signal Format** | NTSC / PAL (Standard Analog Video) |
| **Bandwidth** | Typically 10MHz or higher (Broadcasting Grade) |
| **Gain Control** | Adjustable (Potentiometers for Signal Loss Compensation) |
| **Mounting** | Rack-mountable (E-series often denotes internal rack cards) |
| **Power Supply** | Usually 12V DC or 24V AC (Internal Regulation) |
---
## Key Electronic Parts and Their Functions
### 1. Active Amplification Circuitry
Unlike a passive splitter which weakens the signal for every output added, the SVB-16DW-R/E uses **active operational amplifiers (Op-Amps)**.
- **Function:** It boosts the incoming signal so that each of the 16 outputs is identical in strength and quality to the original input.
### 2. Gain and Sharpness Controls (Potentiometers)
On the board or front panel, you will find small adjustable screws (Trimmers).
- **Gain:** Adjusts the brightness/amplitude of the video signal.
- **Sharpness/HF Compensation:** Compensates for high-frequency signal loss that occurs when using long coaxial cable runs (RG59/RG6).
### 3. Isolation & Impedance Matching
- **75 Ohm Impedance:** The unit is strictly tuned to 75 ohms for both input and output to prevent "ghosting" or signal reflections.
- **Ground Loop Isolation:** High-quality units in this series often include basic isolation to prevent hum bars caused by electrical interference between different pieces of equipment.
### 4. Status Indicators (LEDs)
- **Power LED:** Indicates the internal DC-DC converter is functioning.
- **Signal Presence LED:** Some versions include a detection LED that lights up when a valid video sync signal is detected on the input.
---
## Application Diagram
```mermaid
graph LR
A[Video Source: Camera/DVR] --> B{SVB-16DW-R/E};
B --> C1[Monitor 1];
B --> C2[Monitor 2];
B --> C3[Matrix Switcher];
B --> C4[... up to 16 outputs];
```
---
- ⤷
What is the maximum cable distance supported by this amplifier?
- ⤷ How do I adjust the 'Sharpness' trim pot for a blurry image?
- ⤷ Does this model support HD-TVI or AHD high-definition signals?