SVB-16B-R/K
AI

The **SVB-16B-R/K** is a specific electronic component typically used in industrial automation, primarily associated with **Sanyo Denki** or similar high-precision motion control systems. It is generally identified as a **Servo Driver/Amplifier Interface Module** or a specialized terminal block for Servo systems.
Below is a breakdown of its technical and electronic characteristics.
---
### 1. General Specifications
The "SVB" series usually refers to "Servo Board" or interface units designed to bridge the gap between a Motion Controller and a Servo Drive.
| Feature | Specification Details |
| :--- | :--- |
| **Model Number** | SVB-16B-R/K |
| **Component Type** | Interface/Terminal Board |
| **Number of Channels** | 16-Channel (indicated by "16") |
| **Mounting Type** | DIN Rail or Panel Mount |
| **Application** | Servo Motor Control / Signal Distribution |
---
### 2. Key Electronic Components & Connectivity
The electronic architecture of this part is designed for signal integrity and noise suppression in industrial environments.
* **Connector Interface (K/R Designation):**
* **K:** Usually refers to a specific connector type (like MIL-standard or Ribbon cable) for high-density signal input from a PLC.
* **R:** Often indicates the inclusion of **Relays** or specific **Resistance** matching for signal isolation.
* **Optocouplers / Isolation:** To protect the controller from voltage spikes on the servo side, these boards often use optical isolation for the I/O signals.
* **Terminal Blocks:** Screw-type or spring-cage terminals used to wire encoder feedback, limit switches, and pulse-train commands.
* **Status LEDs:** Most variants include SMD LEDs to indicate the status of the 16 channels (Active/Inactive).
---
### 3. Functional Block Diagram (Simplified)
The board acts as a hub for the following signals:
1. **Pulse/Direction Signals:** High-speed signals sent from the PLC to the Servo Drive to control position and speed.
2. **Feedback Loop:** Routing the encoder signals (A, B, Z phases) back to the main controller.
3. **Alarm/Safety:** Managing "Servo Ready," "Alarm," and "Emergency Stop" signals across multiple axes.
---
### 4. Technical Use Case
The SVB-16B-R/K is commonly found in:
* **CNC Machinery:** Handling multiple axes of movement.
* **Pick-and-Place Robots:** Managing high-speed digital I/O for vacuum grippers and actuators.
* **Semiconductor Equipment:** Where precise electrical signal distribution is required in a compact form factor.
- ⤷
What are the specific pinout diagrams for the SVB-16B-R/K interface?
- ⤷ Is this module compatible with Sanyo Denki RS2 or RS3 servo series?
- ⤷ What is the maximum voltage rating for the I/O channels on this board?