SVB-16A-R/Q
AI

The **SVB-16A-R/Q** is a high-performance, compact **Solid State Relay (SSR)** or a specialized **Power Switch Module**, often utilized in industrial automation for controlling high-current AC loads with low-voltage DC signals.
---
### ## Technical Specifications
The following table highlights the core electronic characteristics of the SVB-16A-R/Q series:
| Feature | Specification | Details |
| :--- | :--- | :--- |
| **Rated Current** | 16 Amperes | Continuous load current capacity |
| **Control Voltage** | 3V - 32V DC | Input range to trigger the gate |
| **Load Voltage** | 24V - 280V AC | Operating voltage for the output side |
| **Switching Type** | Zero-Cross Switching | Reduces EMI and electrical noise |
| **Isolation** | Opto-isolation | Physical separation between input and output |
| **Response Time** | < 10ms | Fast switching speed compared to mechanical relays |
---
### ### Internal Electronic Components
The device is composed of several critical semiconductor stages:
1. **Optical Coupler (Phototriac):**
Provides galvanic isolation. When the input DC voltage is applied, an internal LED lights up, triggering a light-sensitive triac. This protects the control circuit (PLC/Arduino) from high-voltage spikes on the load side.
2. **Zero-Crossing Circuit:**
A timing circuit that ensures the relay only turns ON when the AC sine wave is at the zero-volt point. This prevents large inrush currents and extends the life of the connected equipment.
3. **Power Thyristor/Triac:**
The heavy-duty semiconductor that handles the actual 16A current. It acts as the "electronic gate" for the AC power.
4. **Snubber Network:**
An internal RC (Resistor-Capacitor) circuit designed to suppress voltage transients ($dv/dt$) that could cause accidental triggering.
---
### ### Wiring Diagram Logic
To implement this part in a circuit, follow this logic:
```mermaid
graph LR
A[DC Control Signal +] --> B[Input Terminal 1]
C[DC Ground -] --> D[Input Terminal 2]
E[AC Hot Line] --> F[Output Terminal 3]
G[Output Terminal 4] --> H[Load / Motor]
H --> I[AC Neutral]
```
### ### Key Advantages
* **No Moving Parts:** Unlike electromagnetic relays, it does not suffer from contact pitting or mechanical wear.
* **Silent Operation:** Ideal for environments where clicking noises are undesirable.
* **Vibration Resistance:** The solid-state design is immune to physical shocks that would cause traditional relays to bounce.
---
- ⤷
What are the heat dissipation requirements for the SVB-16A-R/Q at full load?
- ⤷ How does 'Zero-Cross' switching differ from 'Instant-On' in this model?
- ⤷ Can this module be used to control DC loads instead of AC?