SVB-10-R/Q
AI

The **SVB-10-R/Q** is a specific electronic/pneumatic component primarily used in mechanical engineering and automation. It is a **Solenoid Valve Body/Base** typically associated with pressure control or liquid/gas regulation systems.
Below is a breakdown of its technical specifications, electronic characteristics, and functional parts.
### Technical Specifications
| Feature | Description |
| :--- | :--- |
| **Component Type** | Solenoid Valve Body / Manifold Base |
| **Material** | Usually High-grade Aluminum or Reinforced Polymer |
| **Operating Voltage** | Typically 24V DC or 110V/220V AC (Coil dependent) |
| **Response Time** | < 20ms |
| **Connection Type** | "R" (Threaded) or "Q" (Quick-connect fittings) |
| **Function** | Directional flow control (2/2 or 3/2 way) |
---
### Core Electronic & Mechanical Parts
#### 1. Solenoid Coil (The Actuator)
This is the "electronic" heart of the unit. When electrical current passes through the copper windings, it creates a magnetic field.
* **Voltage Tolerance:** Usually +/- 10%.
* **Power Consumption:** Rated in Watts (W) or Volt-Amps (VA).
#### 2. Armature/Plunger Assembly
A ferromagnetic pin located inside the coil. When the coil is energized, the magnetic force pulls the plunger up, overcoming the internal spring tension to open the valve orifice.
#### 3. Lead Wires or DIN Connector
* **R-type:** Often features flying leads (wires) for direct hard-wiring.
* **Q-type:** Often utilizes a plug-in connector (like a DIN 43650) for rapid replacement and IP65/67 environmental protection.
#### 4. The Valve Body (SVB-10)
The "10" usually refers to the **orifice size** (1.0mm or 10mm depending on the manufacturer's series) or the port size. It manages the physical path of the fluid or air.
---
### Understanding the Suffixes (R/Q)
The suffix determines how the electronic part interfaces with the physical system:
1. **"R" (Threaded/Rigid):** Uses standard tapered or parallel threads (like BSP or NPT) for high-pressure stability and permanent installations.
2. **"Q" (Quick-Connect):** Features push-to-connect fittings, allowing for faster maintenance and use with flexible tubing.
---
### Typical Applications
* **Automated Assembly Lines:** Controlling pneumatic cylinders.
* **Medical Equipment:** Precise gas flow for oxygen or anesthesia.
* **Industrial Inkjet Printers:** Managing ink flow cycles.
- ⤷
What is the standard power consumption for the SVB-10 series solenoid coil?
- ⤷ Can the SVB-10-R be used with corrosive liquids or is it air-only?
- ⤷ How do I troubleshoot a coil failure in this specific valve?