SVB-0Z-R/K
AI

Based on your inquiry, the **SVB-0Z-R/K** is a specific electronic component typically identified as a **High-Voltage Rectifier Block** (often used in microwave ovens or high-voltage power supplies).
Below is a detailed breakdown of its electronic characteristics and technical specifications.
---
## 1. Component Overview
The SVB-0Z-R/K is a high-voltage silicon rectifier assembly. It is designed to convert alternating current (AC) to direct current (DC) in circuits involving very high potential differences.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Component Type** | High Voltage Silicon Rectifier Diode |
| **Configuration** | Single Junction / Rectifier Block |
| **Peak Repetitive Reverse Voltage ($V_{RRM}$)** | 8kV - 12kV (Model dependent) |
| **Average Forward Current ($I_{F(AV)}$)** | 350mA - 500mA |
| **Forward Voltage Drop ($V_F$)** | ~10V to 14V (at rated current) |
| **Operating Temperature** | -20°C to +135°C |
---
## 2. Key Electronic Characteristics
### A. High Voltage Handling
Unlike standard signal diodes (like the 1N4148) or power diodes (like the 1N4007), the SVB-0Z series is built to handle thousands of volts. It consists of multiple diode chips stacked in series within a single molded resin package to achieve the high breakdown voltage.
### B. Forward Voltage Drop ($V_F$)
Because it contains a stack of internal diodes, the "Forward Voltage" is significantly higher than a standard 0.7V silicon diode. When testing with a standard multimeter "Diode Test" mode, it will often show **open circuit** because the multimeter battery (9V) is not high enough to overcome the internal barrier voltage.
### C. Reverse Recovery Time
These parts are typically optimized for standard utility frequencies (50/60Hz) or high-frequency switching in inverter-based power supplies, ensuring minimal heat loss during the transition from conducting to non-conducting states.
---
## 3. Physical Construction
* **Encapsulation:** Transfer molded black epoxy resin for high dielectric strength and moisture resistance.
* **Terminals:** Usually features axial leads or specialized "fast-on" terminals depending on whether it is for PCB mounting or chassis mounting.
* **Polarity:** Marked with a cathode band (negative side) or a schematic symbol on the body.
---
## 4. Common Applications
1. **Microwave Ovens:** Used in the high-voltage section to rectify the output of the HV transformer for the magnetron.
2. **X-Ray Power Supplies:** For small-scale medical or industrial imaging.
3. **Electrostatic Air Cleaners:** Providing the high DC voltage needed for ionizers.
4. **Laser Power Supplies:** Ignition circuits for gas lasers.
---
- ⤷
How can I test an SVB-0Z-R/K diode if a standard multimeter fails?
- ⤷ What are the common failure symptoms of this high-voltage rectifier?
- ⤷ Can this component be replaced by a standard HV05-12 or CL01-12 diode?