AI

The **SVB-0B-R/Q** is a specific variant of high-performance connectors, typically associated with the **LEMO B-Series** of push-pull connectors or high-reliability electronic interfaces.
Below is a breakdown of the electronic and mechanical specifications for this component type.
---
### 1. Component Overview
The "0B" designation refers to the shell size, which is one of the most common compact sizes used in medical, industrial, and broadcast electronics.
| Feature | Specification |
| :--- | :--- |
| **Series** | B-Series (High-Density) |
| **Shell Size** | 0B (Compact) |
| **Locking System** | Push-Pull Self-Latching |
| **Shielding** | > 75dB at 10 MHz; > 40dB at 1 GHz |
| **IP Rating** | IP50 (Standard indoor use) |
---
### 2. Key Electronic Characteristics
The electrical performance of these parts is designed for precision signal integrity.
* **Contact Type:** Typically features gold-plated brass contacts to ensure low contact resistance and prevent oxidation over long-term use.
* **Insulator Material:** Usually constructed from **PEEK** (Polyetheretherketone), which offers excellent chemical resistance and high dielectric strength.
* **Voltage Rating:** Depending on the specific pin configuration (e.g., 2, 3, 4, or 5-pin), the test voltage typically ranges from **600V to 1000V AC**.
* **Current Capacity:** Generally rated between **2A and 10A** per contact, depending on the wire gauge and pin density.
---
### 3. Structural Components
The "R/Q" suffix often denotes specific mounting or finish configurations:
1. **Outer Shell:** Chrome-plated brass for durability and EMI/RFI shielding.
2. **Internal Sleeves:** Designed to ensure alignment (keying) to prevent accidental cross-mating.
3. **Termination:** Most 0B series components utilize either **Solder** or **Print (PCB)** contacts.
### 4. Common Applications
* **Medical Devices:** Used in portable monitors and diagnostic equipment.
* **Test & Measurement:** High-accuracy sensors and data acquisition systems.
* **Audio/Video:** Professional camera power and control links (e.g., ARRI, RED camera accessories).
* **Aerospace:** Lightweight, high-reliability interconnects.
---
- ⤷
What is the exact pin configuration for the R/Q variant?
- ⤷ How does the Push-Pull latching mechanism improve electrical safety?
- ⤷ What are the soldering temperature requirements for PEEK insulators?