SV-4WA-R
AI

The **SV-4WA-R** is a specific type of industrial-grade **Auto-Iris Lens** connector or controller assembly, typically used in CCTV, surveillance systems, and machine vision. It is part of the electronic interface that allows a camera to communicate with a lens to adjust the aperture (iris) automatically based on lighting conditions.
---
### 1. Technical Specifications Overview
The "SV" series generally refers to components used in high-performance optical systems. Below is a breakdown of the typical electronic profile:
| Feature | Description |
| :--- | :--- |
| **Component Type** | Auto-Iris Control Interface / Lens Connector |
| **Drive Type** | Video Drive or DC Drive (Model dependent) |
| **Connector Type** | 4-Pin Square Connector (Standard EIAJ) |
| **Operating Voltage** | Typically 8V - 12V DC |
| **Signal Compatibility** | Composite Video or PWM control signals |
---
### 2. Key Electronic Components
The SV-4WA-R assembly consists of several critical electronic sub-parts:
1. **4-Pin Connector (EIAJ Standard):**
* **Pin 1 (Control -):** Damping coil return.
* **Pin 2 (Control +):** Damping coil input.
* **Pin 3 (Drive +):** Power for the drive coil.
* **Pin 4 (Drive -):** Ground/Return for the drive coil.
2. **Galvanometer (Actuator):**
* A precision electromagnetic coil that physically moves the iris blades. It responds to micro-currents sent from the camera's processing board.
3. **Damping Coil:**
* An electronic feedback mechanism that prevents the iris from "hunting" (oscillating back and forth) when light levels are borderline.
4. **Resistor/Thermistor Network:**
* Internal surface-mount components that stabilize the signal against temperature fluctuations to ensure the iris doesn't stick in extreme heat or cold.
---
### 3. Wiring Configuration
For integration into machine vision or DIY surveillance projects, the wiring logic usually follows this color-coding standard:
```yaml
Pin 1: Brown (Damping Coil -)
Pin 2: Red (Damping Coil +)
Pin 3: Yellow (Drive Coil +)
Pin 4: Orange (Drive Coil -)
```
---
### 4. Application Context
The SV-4WA-R is primarily used in:
* **Varifocal Lenses:** Ensuring the image sensor receives consistent light regardless of zoom levels.
* **Outdoor Security:** Adjusting for direct sunlight vs. nighttime shadows.
* **Industrial Automation:** Maintaining constant exposure for high-speed inspection cameras on assembly lines.
- ⤷
What is the difference between DC Drive and Video Drive in these connectors?
- ⤷ How do I troubleshoot an SV-4WA-R if the iris is stuck open?
- ⤷ Are there specific pinout variations for different camera brands?