công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • SV-1A-R

  • AI
    The **SV-1A-R** is a specific type of **Single-Axis Solenoid Valve Driver/Controller**, commonly used in industrial automation for the precise control of proportional or ON/OFF solenoid valves. Below is an explanation of its core electronic parts, technical specifications, and functions. --- ### 1. Core Electronic Components & Architecture | Component | Description | Function | | :--- | :--- | :--- | | **Microcontroller / ASIC** | The "brain" of the unit. | Processes input signals (0-10V, 4-20mA) and calculates the required output duty cycle. | | **PWM Output Stage** | Pulse Width Modulation circuitry. | Controls the power delivered to the solenoid coil by switching high-current transistors (MOSFETs). | | **Current Sensing Resistor** | A low-ohm precision resistor. | Monitors the actual current flowing through the valve to provide closed-loop feedback. | | **Potentiometers** | Adjustable trimmers on the PCB. | Used to manually set "Gain" (I-max), "Offset" (I-min), and "Ramp" times. | | **Protection Diodes** | Flyback or Snubber diodes. | Protects the internal electronics from high-voltage spikes caused by the solenoid's inductive kickback. | --- ### 2. Key Technical Specifications The "R" suffix typically denotes **Rail-mount (DIN Rail)** capability or specific **Ramp** control features. * **Supply Voltage:** Usually 12V DC or 24V DC (Standard industrial range). * **Input Control Signals:** * Voltage: 0 to 10 VDC * Current: 4 to 20 mA * Potentiometer: 0 to 5k or 10k ohms * **Output Current:** Adjustable, often ranging from 0 to 2.5A (depending on the specific sub-model). * **Dither Frequency:** Often adjustable (e.g., 50Hz to 400Hz). Dither is a small oscillation that prevents the valve spool from sticking due to static friction (hysteresis). --- ### 3. Electronic Adjustments (Potentiometers) Electronic control is managed through several onboard adjustments: 1. **MIN (Offset):** Sets the minimum current sent to the valve when the input signal is at its lowest. This ensures the valve is on the verge of opening. 2. **MAX (Gain):** Sets the maximum current to prevent overheating the solenoid coil and to define the full-scale limit. 3. **RAMP UP/DOWN:** Controls how fast the output reaches the target value. This prevents hydraulic "hammering" or sudden mechanical shocks. 4. **DITHER:** Electronic vibration added to the signal to keep the valve's mechanical parts fluid and responsive. --- ### 4. Wiring Diagram Overview (Logic) ```mermaid graph LR A[Power Supply 24V] --> B[SV-1A-R Driver] C[Input Signal 0-10V] --> B B --> D[Solenoid Valve Coil] B --> E[Ground/Common] ``` --- ### Summary of Benefits The SV-1A-R acts as a power interface between low-power control signals (from a PLC or Joystick) and high-power mechanical actuators. By using **PWM (Pulse Width Modulation)**, it minimizes heat waste compared to linear voltage regulators, making the system highly efficient.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current output supported by the SV-1A-R?
    • ⤷ How do you adjust the Dither frequency on this specific driver?
    • ⤷ Can the SV-1A-R be used with both proportional and non-proportional valves?