SV-16B-R
AI

The **SV-16B-R** is a specific model of a **Solenoid Valve**, typically used in industrial automation, fluid control, and pneumatic systems. It is often associated with brands like *SMC* or various hydraulic/pneumatic specialty manufacturers.
Below is a breakdown of its electronic and mechanical components.
### 1. Technical Specifications
The "Electronic" profile of this part is defined by its actuation method and power requirements.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Solenoid Valve (Electromagnetic Actuator) |
| **Voltage Options** | 12V DC, 24V DC, or 110V/220V AC |
| **Current Consumption** | Varies (approx. 200mA - 500mA for DC models) |
| **Connection Type** | Lead wires or DIN Connector (Plug-in) |
| **Duty Cycle** | 100% Continuous Duty (standard) |
| **Protection Class** | IP65 (Dust-tight and water-resistant) |
---
### 2. Internal Electronic & Magnetic Parts
The SV-16B-R operates on the principle of electromagnetism. The key parts inside the unit include:
* **Solenoid Coil:** A spool of copper wire that creates a magnetic field when energized. This is the primary electronic component.
* **Armature (Plunger):** A ferromagnetic rod that moves in response to the magnetic field.
* **Return Spring:** Provides the mechanical force to return the plunger to its original position when the current is cut.
* **Encapsulation:** The coil is usually molded in thermosetting plastic or epoxy to protect against moisture and vibration.
---
### 3. Circuit Integration
When integrating the SV-16B-R into an electronic control system (like a PLC or Arduino), the following electrical considerations apply:
#### A. Flyback Diode (DC Models)
Because the solenoid is an **inductive load**, it can cause a high-voltage spike when turned off. A diode should be placed in parallel with the coil to protect your switching electronics.
#### B. Switching Methods
```cpp
// Example: Basic logic for controlling a 24V Solenoid via a Relay/MOSFET
void setup() {
pinMode(SOLENOID_PIN, OUTPUT);
}
void loop() {
digitalWrite(SOLENOID_PIN, HIGH); // Valve Opens/Closes
delay(1000);
digitalWrite(SOLENOID_PIN, LOW); // Valve returns to default
delay(1000);
}
```
---
### 4. Part Number Breakdown (General)
* **SV:** Solenoid Valve Series.
* **16:** Usually refers to the orifice size or flow capacity (1.6mm or 16mm depending on manufacturer).
* **B:** Body style or manifold mounting type.
* **R:** Often indicates "Reset" type (Spring return) or a specific "Rubber" seal material for chemical resistance.
---
- ⤷What is the specific voltage rating for your version of the SV-16B-R?
- ⤷ Do you need a wiring diagram for connecting this valve to a PLC?
- ⤷ Are you experiencing issues with the coil overheating or failing to actuate?