SV-152-R/CE
AI

## Technical Overview of the SV-152-R/CE
The **SV-152-R/CE** is a specialized electronic component, typically categorized as a **Direct Current (DC) Solenoid Valve**. These are commonly used in industrial automation for controlling the flow of air (pneumatics) or liquids.
### 1. Core Electronic Specifications
The "CE" suffix indicates compliance with European safety standards, while the "R" often denotes a specific porting or reset configuration.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Operating Voltage** | Usually 24V DC (Standard for Industrial PLC) |
| **Power Consumption** | Approximately 4.8W to 6W |
| **Connection Type** | Lead wire or DIN Connector (Plug-in style) |
| **Duty Cycle** | 100% Continuous Duty |
| **Insulation Class** | Class F (up to 155°C) |
---
### 2. Internal Electronic Components
The valve operates through an electromagnetic process involving several key internal parts:
* **Solenoid Coil:** A copper wire winding that generates a magnetic field when energized.
* **Armature (Plunger):** A ferromagnetic core that moves physically in response to the magnetic field.
* **Return Spring:** An electronic-mechanical interface that pushes the plunger back to its "Normal" position once power is cut.
* **Surge Suppressor (Optional):** Many CE-rated models include a diode or varistor to prevent back-EMF (voltage spikes) from damaging the controlling PLC or Relay.
---
### 3. Electronic Control Logic
The SV-152-R/CE is a **3-Port, 2-Position** valve. Its electronic behavior is as follows:
```yaml
State: De-energized (0V)
- Circuit: Closed
- Flow: Blocked/Exhausted
- Spring: Holds plunger in place
State: Energized (24V DC)
- Circuit: Active
- Magnetic Force: Overcomes spring tension
- Flow: Path opened between Supply and Output ports
```
### 4. Wiring and Safety (CE Standards)
As a CE-marked device, the electronics must adhere to specific electromagnetic compatibility (EMC) rules:
1. **Grounding:** Must have a dedicated terminal if the housing is metallic.
2. **Protection Class:** Usually rated **IP65**, meaning the electronic internals are protected against dust and water jets.
---
- ⤷
What is the maximum operating pressure for the SV-152-R/CE?
- ⤷ Does this valve require a specific type of surge protection for PLC integration?
- ⤷ What are the physical port sizes used on this specific model?