công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • STP2CMP

  • AI
    ## Overview of the STP2CMP The **STP2CMP** is a specialized high-performance device designed primarily for **Mobile Industry Processor Interface (MIPI)** applications. Specifically, it acts as a **2-lane MIPI D-PHY to CMOS/Parallel converter** (or vice versa, depending on the specific configuration). It is commonly used to interface modern camera sensors or displays with legacy processors. --- ### Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Interface Type** | MIPI D-PHY (Version 1.0) | | **Data Lanes** | 1 or 2 Differential Lanes + 1 Clock Lane | | **Maximum Speed** | Up to 800 Mbps per lane (1.6 Gbps total) | | **Output Type** | 24-bit Parallel / CMOS | | **Voltage Supply** | 1.8V (Core) and 1.8V to 3.3V (I/O) | | **Package** | TFBGA or QFN (Application dependent) | --- ### Core Electronic Components & Architecture The internal circuitry of the STP2CMP consists of several critical functional blocks: #### 1. High-Speed Differential Receivers The MIPI side contains low-voltage differential signaling (LVDS) receivers. These are designed to handle: * **HS (High Speed) Mode:** For data transmission (approx. 200mV swing). * **LP (Low Power) Mode:** For control signals and state transitions (1.2V swing). #### 2. Clock Management Unit (CMU) The device includes a Phase-Locked Loop (PLL) or a clock divider. It takes the high-speed MIPI bit-clock and generates the pixel clock (PCLK) required for the parallel CMOS interface. #### 3. De-serialization Logic This is the "brain" of the chip. It takes the serial bitstream from the 2 MIPI lanes and reconstructs it into 8-bit, 10-bit, or 12-bit parallel words. #### 4. Level Shifters / I/O Buffers Since MIPI usually operates at 1.2V or 1.8V and legacy parallel buses might operate at up to 3.3V, the STP2CMP includes internal level translation to ensure signal integrity across different voltage domains. --- ### Pinout Category Descriptions * **D0+/D0-, D1+/D1-:** MIPI Data differential pairs. * **CLK+/CLK-:** MIPI Clock differential pair. * **D[0:23]:** Parallel data output pins. * **PCLK, VSYNC, HSYNC:** Synchronization signals for the parallel bus. * **I2C (SCL/SDA):** Control interface used by the host processor to configure registers (e.g., setting data formats). * **RESETN:** Hardware reset pin (active low). --- ### Application Example: Camera Interfacing In a typical circuit, the STP2CMP acts as a bridge: ```text [ MIPI Camera Sensor ] ---> (STP2CMP Converter) ---> [ Legacy DSP/MCU ] (High Speed) (Serial to Parallel) (Parallel Bus) ``` ---
    ✨ Follow-up Questions
    • ⤷What are the power consumption characteristics of the STP2CMP in standby mode?
    • ⤷ Which registers must be configured via I2C to change from 1-lane to 2-lane mode?
    • ⤷ Does the STP2CMP support MIPI CSI-2 or DSI protocols specifically?