STMW-690-RTR
AI

The **STMW-690-RTR** is an industrial-grade, ruggedized 19-inch rackmount monitor, typically utilized in telecommunications, server rooms, and industrial control environments. Below is a breakdown of its primary electronic components and technical specifications.
---
### 1. Display Module & Panel Specifications
The core of the unit is a high-performance Liquid Crystal Display (LCD).
| Feature | Specification |
| :--- | :--- |
| **Panel Type** | Active Matrix TFT LCD |
| **Resolution** | 1280 x 1024 (SXGA) |
| **Brightness** | ~250 - 300 cd/m² |
| **Contrast Ratio** | 1000:1 (Typical) |
| **Backlight Type** | LED (Long-life, low power consumption) |
### 2. Video Processing Electronics (A/D Board)
The Analog-to-Digital (A/D) controller board is the "brain" that converts incoming signals into images.
* **Input Interface:** It typically supports **VGA (D-Sub 15)** and **DVI-D** signals. Some variants may include HDMI or BNC (Composite Video) depending on specific customization.
* **On-Screen Display (OSD):** Electronic circuitry that manages the user menu for brightness, contrast, and color balance adjustments.
* **Auto-Adjustment:** Integrated logic to synchronize signal timing automatically.
### 3. Power Management System
Ruggedized monitors are designed to handle fluctuations in industrial power grids.
* **External Power Adapter:** Usually 12V DC input via a barrel connector.
* **Internal Inverter/Driver:** Converts DC voltage to the specific current required to drive the LED backlight strings.
* **Protection:** Includes basic surge protection and EMI (Electromagnetic Interference) filtering to meet industrial compliance standards.
### 4. Mechanical & Environmental Integration
The electronic parts are housed in a specialized chassis:
* **Chassis Material:** Heavy-duty steel or aluminum with a powder-coated finish.
* **Rackmount Brackets:** Standard 19-inch EIA-310 compliant ears.
* **Protective Glass:** Many "RTR" series models include a clear, anti-reflective tempered glass overlay to protect the LCD electronics from physical impact or dust.
### 5. Optional Touchscreen Electronics
If the specific unit is configured with touch capabilities:
* **Controller:** An internal USB or RS-232 serial controller.
* **Technology:** Usually 5-wire Resistive or Surface Acoustic Wave (SAW), chosen for durability in industrial settings.
---
- ⤷
What are the power consumption ratings for the STMW-690-RTR?
- ⤷ Does this model support HDMI or DisplayPort inputs via adapters?
- ⤷ Are there specific environmental certifications (IP rating) for this unit?