công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • STM32L1-MAGNET

  • AI
    The **STM32L1-MAGNET** generally refers to a reference design or a specialized evaluation setup (often part of ST’s "Smart Industry" or "Asset Tracking" kits) that utilizes the **STM32L1 series** ultra-low-power microcontroller integrated with magnetic sensors. Below is a breakdown of the electronic components and their functions within this architecture. --- ## 1. Core Microcontroller: STM32L1 Series The brain of the system is an ARM® Cortex®-M3 MCU. It is chosen specifically for its ultra-low power consumption, which is critical for battery-operated magnetic sensing applications. | Feature | Description | | :--- | :--- | | **Architecture** | ARM Cortex-M3 (Up to 32 MHz) | | **Voltage Range** | 1.65 V to 3.6 V | | **Power Modes** | Multiple low-power modes (Stop, Standby) to conserve energy when the magnetic field is static. | | **Peripherals** | 12-bit ADC, DAC, Timers, and multiple I2C/SPI interfaces for sensor communication. | --- ## 2. Magnetic Sensing Components Depending on the specific board revision, one or more of the following sensors are usually integrated: ### A. Magnetometer (Digital Compass) Usually the **LIS3MDL** or **IIS2MDC**. - **Function:** Measures the strength and direction of the magnetic field in 3 axes (X, Y, Z). - **Interface:** Communicates with the STM32 via **I2C**. - **Use Case:** Detecting the presence of a permanent magnet or measuring Earth's magnetic field for orientation. ### B. Hall Effect Sensor - **Function:** Acts as a magnetic switch. - **Electronic Role:** Often used as a "wake-up" trigger. When a magnet comes close, the Hall sensor triggers an interrupt pin on the STM32L1 to wake it from deep sleep. --- ## 3. Power Management Circuitry To maintain the "Ultra-Low Power" status, the electronic design includes: 1. **LDO (Low Dropout Regulator):** Regulates battery voltage (e.g., from a CR2032 coin cell or Li-Po) down to a steady 1.8V or 3.3V. 2. **Decoupling Capacitors:** Small ceramic capacitors (100nF) placed near the MCU power pins to filter high-frequency noise. 3. **Battery Monitoring:** A voltage divider circuit connected to one of the STM32L1’s ADC channels to track remaining battery life. --- ## 4. Communication & Interface | Component | Purpose | | :--- | :--- | | **SWD Header** | 2-pin Serial Wire Debug interface for programming and debugging the STM32 firmware. | | **Crystal Oscillator** | A 32.768 kHz crystal is usually present for the Real-Time Clock (RTC) to keep time accurately while consuming minimal current. | | **Status LEDs** | Low-current LEDs used for visual feedback during calibration or error states. | --- ## Block Diagram Logic ```mermaid graph LR A[Battery] --> B[LDO Regulator] B --> C[STM32L1 MCU] D[Magnetic Sensor] -- I2C Data --> C D -- Interrupt --> C C --> E[Debug/SWD] ``` ---
    ✨ Follow-up Questions
    • ⤷ Which specific magnetic sensor model is used in the STM32L1 Discovery kits?
    • ⤷ How do you configure the STM32L1 to wake up from a magnetic interrupt?
    • ⤷ What is the typical power consumption of this system in Standby mode?