STK14CA8-R45
AI

The **STK14CA8-R45** is a high-performance **nvSRAM** (Non-volatile Static Random Access Memory) manufactured by Infineon Technologies (formerly Cypress Semiconductor). It integrates a standard SRAM cell with a non-volatile QuantumTrap cell in a single monolithic chip.
---
## 1. Key Specifications
| Feature | Specification |
| :--- | :--- |
| **Memory Density** | 1 Mbit (128K x 8) |
| **Access Time** | 45 ns |
| **Interface** | Parallel (Standard SRAM Interface) |
| **Supply Voltage** | 2.7V to 3.6V (3.3V nominal) |
| **Package** | 32-pin SOIC or 48-pin SSOP |
| **Data Retention** | 20 Years |
| **Read/Write Cycles** | Unlimited (SRAM) |
---
## 2. Core Functional Components
### A. The nvSRAM Technology
The STK14CA8 is unique because it combines two types of memory in every bit cell:
1. **SRAM Cell:** Provides fast, unlimited read/write cycles at 45ns speeds.
2. **QuantumTrap Cell:** A non-volatile element that stores the SRAM data when power is lost.
### B. AutoStore™ Feature
This is the most critical electronic part of the device's logic. It monitors the $V_{CC}$ (Power Supply). If the voltage falls below a threshold, the device automatically transfers all data from the volatile SRAM to the non-volatile QuantumTrap cells.
* **Capacitor Requirement:** It requires a small external capacitor ($V_{CAP}$) to provide the power necessary to complete the data transfer during a power failure.
### C. Hardware and Software Controls
* **Hardware STORE/RECALL:** Pins are provided to manually trigger a data transfer between the volatile and non-volatile layers.
* **Software Sequences:** Specific patterns of read/write operations can be used to initiate "Store" or "Recall" commands without using extra hardware pins.
---
## 3. Pin Configuration Overview
| Pin Name | Function | Description |
| :--- | :--- | :--- |
| **A0 - A16** | Address Inputs | Used to select one of the 131,072 bytes. |
| **DQ0 - DQ7** | Data I/O | Bidirectional data bus. |
| **$\overline{CE}$** | Chip Enable | Activates the device. |
| **$\overline{WE}$** | Write Enable | Enables write operations. |
| **$\overline{OE}$** | Output Enable | Controls the output drivers during read. |
| **$V_{CAP}$** | Capacitor Pin | Connection for the power-backup capacitor. |
| **$\overline{HSB}$** | Hardware Status Busy | Signals if a Store/Recall operation is in progress. |
---
## 4. Typical Applications
* **Industrial Automation:** Storing configuration and state data in case of sudden power loss.
* **Data Logging:** High-speed writing where data loss is unacceptable.
* **RAID Controllers:** Storing cache metadata.
* **Medical Equipment:** Maintaining critical patient settings.
- ⤷
How does the VCAP capacitor value affect the AutoStore process?
- ⤷ What is the difference between the STK14CA8 and a standard battery-backed SRAM?
- ⤷ Can the non-volatile memory be written to directly without using the SRAM?