STJW-680-RTR
AI

The **STJW-680-RTR** is an electronic component manufactured by **Tai-Tech**, specifically falling under the category of **Surface Mount (SMD) Wire-Wound Ceramic Chip Inductors**. These parts are primarily used for high-frequency applications where high precision and stability are required.
---
### 1. Key Technical Specifications
The part number follows a specific nomenclature that defines its physical and electrical characteristics:
| Parameter | Specification Details |
| :--- | :--- |
| **Component Type** | Wire-Wound Chip Inductor |
| **Series** | STJW (High Frequency / High Q) |
| **Size Code** | 0603 (Inch) / 1608 (Metric) |
| **Inductance** | 68 nH |
| **Tolerance** | ±5% (indicated by 'J' in the series) |
| **Mounting Type** | Surface Mount (SMD) |
| **Packaging** | RTR (Tape & Reel) |
---
### 2. Core Features
The STJW series is designed with specific electronic traits to suit modern RF (Radio Frequency) circuits:
* **Ceramic Core:** Unlike ferrite cores, the ceramic body provides excellent thermal stability and very low loss at high frequencies.
* **High Q Factor:** Offers high "Quality Factor," meaning it has low resistance and high efficiency at its resonant frequency.
* **High Self-Resonant Frequency (SRF):** This allows the inductor to operate at gigahertz (GHz) levels without behaving like a capacitor.
* **Precision Winding:** The wire-wound construction allows for tighter tolerances compared to multilayer inductors.
---
### 3. Common Applications
Due to its 68nH value and high-frequency performance, this part is typically found in:
1. **RF Transceivers:** Used in matching circuits for antennas.
2. **Wireless Communication:** Essential for Wi-Fi, Bluetooth, and cellular (LTE/5G) modules.
3. **Filters:** Part of LC (Inductor-Capacitor) filter networks to block or pass specific frequencies.
4. **Oscillators:** Providing stable frequency references in VCOs (Voltage Controlled Oscillators).
---
### 4. Part Number Breakdown
The suffix **-RTR** refers specifically to the shipping format:
* **R:** Reel packaging.
* **TR:** Tape and Reel (Standard for automated pick-and-place assembly machines).
---
- ⤷What is the maximum current rating for the STJW-680-RTR?
- ⤷ How does the Q factor of a wire-wound inductor compare to a multilayer inductor?
- ⤷ Are there alternative components with the same footprint and inductance?