STGD5H60DF
AI

The **STGD5H60DF** is a high-performance Insulated Gate Bipolar Transistor (IGBT) developed by STMicroelectronics. It belongs to the "H" series of Trench Gate Field-Stop (TFS) IGBTs, specifically designed to balance switching and conduction losses for high-frequency applications.
---
### 1. Key Technical Specifications
| Parameter | Value | Description |
| :--- | :--- | :--- |
| **Collector-Emitter Voltage ($V_{CES}$)** | 600 V | Maximum voltage the device can handle. |
| **Continuous Collector Current ($I_C$)** | 5 A | Current rating at $100^\circ C$. |
| **Saturation Voltage ($V_{CE(sat)}$)** | 1.5 V (typ) | Voltage drop when the device is fully ON. |
| **Total Gate Charge ($Q_g$)** | 15.4 nC | Charge required to switch the gate. |
| **Max Junction Temperature ($T_j$)** | $175^\circ C$ | Thermal limit for operation. |
| **Package** | DPAK (TO-252) | Surface-mount package with good thermal properties. |
---
### 2. Internal Components & Features
The STGD5H60DF is more than just a single transistor; it is a co-packaged discrete component:
* **Trench Gate Field-Stop Technology:** This architecture reduces the thickness of the wafer, which lowers the conduction loss ($V_{CE(sat)}$) and significantly reduces turn-off energy.
* **Integrated Diode:** It includes a **very fast recovery anti-parallel diode**. This diode is crucial for inductive loads (like motors), as it provides a path for freewheeling current, protecting the IGBT from voltage spikes.
* **Tight Parameter Distribution:** The manufacturing process ensures that different units of the same part number have very similar characteristics, making them easy to use in parallel configurations.
---
### 3. Application Areas
Due to its high-speed switching capabilities and compact DPAK form factor, this part is commonly found in:
1. **Motor Control:** Small home appliances (refrigerators, washing machines) and fan controllers.
2. **Power Inverters:** Solar micro-inverters and Uninterruptible Power Supplies (UPS).
3. **Switch Mode Power Supplies (SMPS):** Used in the PFC (Power Factor Correction) stage.
4. **Heating:** Low-power induction heating elements.
---
### 4. Advantages and Trade-offs
* **Pros:** Very low switching losses allow for higher frequency operation (reducing the size of external inductors/capacitors); high thermal stability ($175^\circ C$ limit).
* **Cons:** Limited to 5A continuous current; requires precise gate drive circuitry to avoid oscillation due to high switching speeds.
- ⤷
What are the recommended gate driver requirements for the STGD5H60DF?
- ⤷ How does the 'Field-Stop' technology differ from standard Planar IGBTs?
- ⤷ Can this IGBT be used for induction heating applications above 20kHz?