STDRIVEG611Q
AI

# STDRIVEG611Q: High-Speed Gate Driver
The **STDRIVEG611Q** is a high-speed gate driver specifically designed by STMicroelectronics to drive **GaN (Gallium Nitride)** enhancement-mode HEMT transistors or N-channel MOSFETs. It is optimized for high-frequency switching applications where efficiency and small footprints are critical.
---
## 1. Key Technical Specifications
The following table summarizes the core electronic characteristics of the STDRIVEG611Q:
| Parameter | Specification |
| :--- | :--- |
| **Configuration** | Single High-Side / Low-Side (Floating) |
| **Max Voltage (Vout)** | Up to 600V (Floating) |
| **Sink/Source Current** | 1.3 A / 0.8 A (Typical) |
| **Logic Inputs** | 3.3V to 15V (TTL/CMOS compatible) |
| **Supply Voltage (Vcc)** | 5V to 20V |
| **Propogation Delay** | ~30 ns (High speed) |
| **Package** | QFN 16L (3x3 mm) |
---
## 2. Core Functional Modules
### A. Integrated Bootstrap Diode
Unlike traditional drivers that require an external diode to charge the high-side capacitor, the STDRIVEG611Q integrates a high-voltage bootstrap diode. This saves PCB space and reduces parasitic inductance.
### B. UVLO (Under Voltage Lock-Out)
To prevent the GaN/MOSFET from operating in a linear (resistive) region which would cause overheating, the device includes UVLO protection on both the $V_{CC}$ and $V_{boot}$ sections.
### C. Smart Shutdown (SD)
The driver features a dedicated SD pin that provides a fast asynchronous shutdown. This is crucial for over-current protection or system-level emergency stops.
### D. Interlocking and Deadtime
The device is designed to prevent "shoot-through" (where both the high and low side switches are on simultaneously). It manages the timing to ensure one switch is fully off before the other turns on.
---
## 3. Typical Application Circuit
In a standard application, the STDRIVEG611Q is positioned between the Microcontroller (MCU) and the GaN Power Stage.
```mermaid
graph LR
MCU[MCU/PWM] -->|Logic Level| ST[STDRIVEG611Q]
ST -->|Gate Drive| GaN[GaN HEMT]
VCC[Supply] --> ST
GND[Ground] --> ST
```
### Critical External Components:
1. **Gate Resistors ($R_g$):** Used to control the turn-on/turn-off speed and dampen oscillations.
2. **Bootstrap Capacitor ($C_{boot}$):** Stores the charge required to drive the high-side gate.
3. **Decoupling Capacitors:** Placed close to $V_{CC}$ to filter high-frequency noise.
---
## 4. Main Advantages
* **High Frequency:** Capable of switching at MHz frequencies due to low propagation delay.
* **GaN Optimized:** The gate drive voltage is regulated to stay within the narrow safety window of GaN gates (typically 5V - 6V).
* **Robustness:** High immunity against $dV/dt$ noise, which is common in fast-switching GaN circuits.
- ⤷What are the recommended gate resistor values for GaN HEMTs using the STDRIVEG611Q?
- ⤷ How does the STDRIVEG611Q compare to the STDRIVEG601 in terms of features?
- ⤷ Can this driver be used in a half-bridge configuration directly?