công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • STDRIVE102BH

  • AI
    ### Overview of the STDRIVE102BH The **STDRIVE102BH** is a high-voltage, half-bridge gate driver designed by STMicroelectronics. It is specifically engineered to drive N-channel power MOSFETs and IGBTs in high-voltage applications, providing a robust interface between low-voltage controllers (like MCUs) and high-power stages. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the STDRIVE102BH: | Parameter | Specification | Description | | :--- | :--- | :--- | | **High-Side Voltage** | Up to 1200 V | Suitable for high-voltage DC bus systems. | | **Output Current** | 2.5 A (Source) / 3.5 A (Sink) | Capable of rapid gate charging/discharging. | | **Supply Voltage (Vcc)** | 10 V to 20 V | Logic and gate drive supply range. | | **Logic Inputs** | 3.3 V and 5 V compatible | CMOS/TTL compatible inputs. | | **Propagation Delay** | ~100 ns | Fast response time for high-frequency switching. | | **Package** | SO-8W | Wide-body surface mount for increased creepage. | --- ### 2. Core Functional Blocks The STDRIVE102BH contains several integrated electronic components to ensure safety and efficiency: #### A. Level Shifter Since the high-side MOSFET's source terminal "floats" at the high-voltage bus level, the level shifter translates the low-voltage control signals from the ground-referenced input to the high-side floating output. #### B. UVLO (Under Voltage Lock-Out) Both the high-side and low-side sections feature UVLO protection. This ensures the power switches are not turned on unless the supply voltage is high enough to fully saturate the MOSFET/IGBT, preventing thermal runaway or damage. #### C. Interlocking & Dead Time To prevent **Shoot-Through** (where both high-side and low-side switches are on simultaneously, causing a short circuit), the device includes internal interlocking logic. #### D. Bootstrapping Circuitry It typically requires an external diode and capacitor (Bootstrap circuit) to provide the necessary voltage to the high-side driver. --- ### 3. Application Use Cases The STDRIVE102BH is commonly found in the following electronic systems: * **Industrial Drives:** Motor control for pumps, fans, and conveyor belts. * **Solar Inverters:** Converting DC from panels to high-voltage AC. * **UPS (Uninterruptible Power Supplies):** Managing battery-to-AC conversion. * **High-Voltage SMPS:** Switch-mode power supplies for servers or industrial equipment. --- ### 4. Basic Connection Example Below is a conceptual representation of how the STDRIVE102BH is wired in a circuit: ```cpp // Logic Representation of Input/Output Input: HIN (High-side Input) & LIN (Low-side Input) Output: HO (High-side Output) & LO (Low-side Output) If (HIN == HIGH && LIN == LOW) { Output HO = High; // High-side MOSFET ON Output LO = Low; // Low-side MOSFET OFF } else if (HIN == LOW && LIN == HIGH) { Output HO = Low; Output LO = High; } else { Output HO = Low; // Safe State (Interlock active) Output LO = Low; } ```
    ✨ Follow-up Questions
    • ⤷ What are the recommended bootstrap components for the STDRIVE102BH?
    • ⤷ How does the 'SO-8W' package enhance safety in high-voltage designs?
    • ⤷ What is the difference between the STDRIVE102 and the 102BH variant?