công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • STB06-R-8

  • AI
    The **STB06-R-8** is a specialized electronic component, typically categorized as a **Marker Strip** or **Wire Marker**, primarily manufactured by companies like **TE Connectivity (Raychem)**. It belongs to the STB (Snap-on) series designed for wire and cable identification. --- ## 1. Technical Specifications Below are the core technical attributes associated with the STB06-R-8 model: | Attribute | Specification | | :--- | :--- | | **Manufacturer** | TE Connectivity / Raychem | | **Series** | STB (Snap-On Terminal Blocks/Markers) | | **Marker Type** | Pre-printed Snap-on | | **Legend (Print)** | The number **"8"** | | **Color** | Red (R) with White print | | **Wire Diameter Range** | 1.40mm to 1.80mm (Approx.) | | **Material** | Polyamide 6.6 (Nylon) | | **Flammability Rating** | UL 94 V-2 | --- ## 2. Key Electronic & Mechanical Features ### A. Material Composition The part is molded from **Nylon 6.6**. This material is chosen for electronic applications because: - It provides excellent mechanical strength. - It is resistant to oils, grease, and common cleaning solvents used in PCB/Panel assembly. ### B. "Snap-on" Mechanism The STB series features an "expanding" grip. Unlike heat-shrink tubing which must be slid on before a wire is terminated, the STB06-R-8 can be applied **after** the wire has been connected. The side-entry design allows it to clip securely onto the insulation. ### C. Color Coding The **"R"** in the part number signifies **Red**. In industrial wiring, different colors are often used to denote distinct voltage levels or phases (e.g., DC vs. AC control circuits). --- ## 3. Application Areas The STB06-R-8 is used in environments where precise cable management is required: 1. **Control Panels:** Identifying signal wires in PLC (Programmable Logic Controller) cabinets. 2. **Telecommunications:** Labeling patch cables or internal chassis wiring. 3. **Maintenance:** Ensuring that technicians can identify specific wire runs during troubleshooting. --- ## 4. Part Number Breakdown Understanding the nomenclature helps in selecting the correct variant: | Segment | Meaning | | :--- | :--- | | **STB** | Snap-On Series | | **06** | Size Code (Corresponds to specific wire OD range) | | **R** | Color Code (Red) | | **8** | Printed Character/Legend | ---
    ✨ Follow-up Questions
    • ⤷ What is the temperature range for Polyamide 6.6 markers like the STB06-R-8?
    • ⤷ Are there specific tools required for installing snap-on markers?
    • ⤷ How does the STB06 size compare to STB12 in terms of wire diameter?