công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • STB05-R-4

  • AI
    The **STB05-R-4** is a specific electronic component typically categorized as a **Surface Mount (SMT) Test Point**. These parts are essential for the PCB assembly and debugging process, providing a reliable contact point for probes and test clips without requiring through-holes. --- ## Technical Specifications The STB05-R-4 belongs to the family of sub-miniature test terminals. Below are the typical technical parameters for this component: | Parameter | Specification | | :--- | :--- | | **Component Type** | Surface Mount Test Point (SMT) | | **Material** | Phosphor Bronze or Brass | | **Plating** | Tin (R-4 variant) or Silver/Gold options | | **Current Rating** | Up to 2 Amps (typical) | | **Mounting Type** | Surface Mount (SMT) | | **Tape Width** | 8mm or 12mm (depending on packaging) | | **Operating Temp** | -55°C to +125°C | --- ## Key Features and Construction ### 1. Functional Design The STB05-R-4 is designed with a small "loop" or "hook" profile. This allows a standard oscilloscope probe or a "grabber" clip to attach securely to the PCB. ### 2. SMT Compatibility Unlike traditional through-hole test points, the STB05-R-4 is designed for automated pick-and-place machines. It features a flat top surface (or comes in specialized carrier tape) to allow vacuum nozzles to lift it. ### 3. Material Durability The base metal is usually a copper alloy, ensuring high conductivity and high fatigue resistance. The "R-4" designation often refers to the specific plating or packaging configuration (Standard Tin finish over Nickel). --- ## Application and Usage 1. **Hardware Debugging:** Provides a dedicated location to measure voltages or signal waveforms (I2C, SPI, Power Rails) using a Multimeter or Oscilloscope. 2. **Quality Control:** Used during the manufacturing phase for Automated Test Equipment (ATE) to ensure the board is functioning correctly before final assembly. 3. **Grounding:** Frequently used as a convenient chassis ground connection point for shielding or static discharge. ### PCB Footprint Example While you should always consult the specific datasheet for the manufacturer (like *Components Corp* or *Mac8*), the typical land pattern looks like this: ```markdown [ Pad ] <--- Solder area approx 1.5mm x 2.5mm | | --- <--- Component Body (The Loop) ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the STB05-R-4 and through-hole test points?
    • ⤷ Can the STB05-R-4 be used for high-frequency signal testing?
    • ⤷ What is the recommended solder paste profile for this component?