ST-10-R-B9
AI

The **ST-10-R-B9** is a precision component typically associated with **Nidec Copal Electronics** (or similar manufacturers like Sumitomo). It is a surface-mount (SMD) high-precision rotary switch or trimmer, often used for circuit configuration and signal routing.
---
### 1. Key Technical Specifications
Below are the primary electrical and mechanical characteristics for this specific model:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Rotary Coded Switch |
| **Mounting Type** | Surface Mount (SMD / Gull-wing) |
| **Logic/Coding** | Real Code (Binary Coded Decimal/Hex) |
| **Number of Positions** | 10 Positions (0-9) |
| **Actuator Style** | Rotor (Recessed/Flat) |
| **Circuit Type** | SP10T (Single Pole 10 Throw) |
| **Contact Rating** | 100mA @ 5V DC (Switching) |
---
### 2. Physical Design and Dimensions
The "ST-10" series is known for its ultra-miniature footprint, designed for high-density PCB layouts.
* **Size:** Usually 5.0mm x 5.0mm.
* **Terminal Layout:** Features 3x3 or 4+1 terminal configurations depending on the specific sub-type.
* **Rotor Design:** The "B" in the part number often indicates a specific actuator shape (like a cross-slot or flat-head) designed for manual or tool-assisted adjustment.
* **Taping:** The "-R" suffix usually denotes **Tape and Reel** packaging, making it compatible with automated pick-and-place assembly machines.
---
### 3. Electrical Functionality
The ST-10-R-B9 operates as a **Binary Coded Decimal (BCD)** selector. When you turn the dial:
1. It bridges a common terminal to a specific combination of output pins.
2. In a 10-position model, it outputs signals representing the digits 0 through 9.
3. **Gold-plated contacts** are standard to ensure low contact resistance and high reliability over the component's lifespan.
---
### 4. Typical Applications
These parts are used in industrial and consumer electronics where "set-and-forget" configurations are needed:
* **Address Setting:** Setting the ID for a node in a RS-485 or CAN bus network.
* **Mode Selection:** Choosing operating modes on a PCB without needing a digital interface.
* **Security Systems:** Manual code setting for hardware encryption or zone identification.
---
- ⤷
What is the difference between Real Code and Complementary Code in these switches?
- ⤷ Can you provide the footprint dimensions for PCB layout design?
- ⤷ What is the recommended soldering temperature profile for the ST-10 series?