ST-10-R-B
AI

The **ST-10-R-B** is a specific electronic component typically associated with a **Rotary Coded Switch** (often manufactured by Nidec Copal Electronics or similar suppliers). These parts are used to set parameters manually on a circuit board by rotating a dial.
---
### 1. General Specifications
The ST-10 series represents subminiature rotary coded switches designed for high-density mounting.
| Feature | Specification |
| :--- | :--- |
| **Code Type** | Real Code (Binary Coded Decimal - BCD) |
| **Number of Positions** | 10 (0 through 9) |
| **Setting Direction** | Top Setting (Rotated from the top) |
| **Terminal Shape** | Gull-wing (SMD - Surface Mount Device) |
| **Form Factor** | 4mm Square (Subminiature) |
---
### 2. Breakdown of the Model Name (ST-10-R-B)
The alphanumeric code identifies the specific physical and electrical characteristics:
* **ST-10**: Series name (4mm square, 10-position rotary switch).
* **R**: Refers to the **Coding**. "R" stands for **Real Code** (standard BCD).
* **B**: Refers to the **Packaging**. Usually indicates **Bulk** packaging (as opposed to Tape and Reel).
---
### 3. Electrical & Mechanical Characteristics
These parts are engineered for durability and precision in industrial environments.
* **Contact Rating:**
* Switching: DC 5V, 100mA
* Non-switching: DC 50V, 100mA
* **Contact Resistance:** 100 mΩ maximum.
* **Operating Temperature:** -40°C to +85°C.
* **Rotational Torque:** 10 mN·m.
* **Seal Structure:** Washable (O-ring sealed to withstand soldering and cleaning processes).
---
### 4. Logic Table (Real Code)
Since this is a BCD (Binary Coded Decimal) switch, the output pins (1, 2, 4, 8) connect to the Common (C) pin based on the dial position:
| Position | 1 | 2 | 4 | 8 |
| :---: | :---: | :---: | :---: | :---: |
| **0** | | | | |
| **1** | ● | | | |
| **2** | | ● | | |
| **3** | ● | ● | | |
| **4** | | | ● | |
| **5** | ● | | ● | |
| **6** | | ● | ● | |
| **7** | ● | ● | ● | |
| **8** | | | | ● |
| **9** | ● | | | ● |
*(● indicates a closed circuit to the Common pin)*
---
### 5. Common Applications
* **Address Setting:** Used in networked devices to set a unique ID for a node.
* **Mode Selection:** Selecting operational profiles in industrial controllers.
* **Configuration:** Adjusting timer settings or hardware thresholds on PCBs where a digital UI is not available.
- ⤷What is the difference between 'Real Code' and 'Complement Code' in these switches?
- ⤷ Can the ST-10-R-B be soldered using infrared reflow methods?
- ⤷ How do I identify Pin 1 and the Common pin on the SMD footprint?