AI

# Overview of the SSM2603CPZ-R2
The **SSM2603CPZ-R2** is a low-power, high-quality **stereo audio codec** manufactured by Analog Devices. It is specifically designed for portable digital audio applications, such as MP3 players, recorders, and mobile phones.
---
## 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Type** | Stereo Audio Codec (ADC + DAC) |
| **Resolution** | 24-bit |
| **Sampling Rate** | 8 kHz to 96 kHz |
| **Supply Voltage (Analog)** | 1.8V to 3.6V |
| **Supply Voltage (Digital)** | 1.5V to 3.6V |
| **Signal-to-Noise Ratio (DAC)** | 100 dB (typical at 3.3V) |
| **Signal-to-Noise Ratio (ADC)** | 90 dB (typical at 3.3V) |
| **Package** | 28-Lead LFCSP (4mm x 4mm) |
---
## 2. Functional Electronic Sections
The chip is integrated with several critical blocks that handle the conversion and routing of audio signals:
### A. Analog-to-Digital Converter (ADC)
* Multibit sigma-delta architecture.
* Includes a **programmable gain amplifier (PGA)** for microphone or line inputs.
* Supports digital high-pass filters to remove DC offsets.
### B. Digital-to-Analog Converter (DAC)
* High-performance multibit sigma-delta modulator.
* Features digital interpolation filters and digital de-emphasis.
### C. Audio Interfaces
* **Digital Audio Interface:** Supports I2S, Left-Justified, Right-Justified, and DSP modes.
* **Control Interface:** Uses a 2-wire (I2C) or 3-wire serial control interface to configure internal registers.
### D. Integrated Headphone Amplifier
* The chip includes a built-in stereo headphone driver capable of driving 16 $\Omega$ or 32 $\Omega$ loads directly, reducing the need for external components.
---
## 3. Typical Application Circuit
When designing with the SSM2603, the following electronic considerations are vital:
* **Decoupling Capacitors:** Place 0.1µF and 10µF capacitors close to the $AV_{DD}$ and $DV_{DD}$ pins to minimize noise.
* **Clocking:** Requires a Master Clock (MCLK) provided by an external crystal or oscillator. It supports common frequencies like 12.288 MHz or 18.432 MHz.
* **Grounding:** Use a solid ground plane; keep analog and digital grounds connected at a single point to prevent digital noise from bleeding into the audio path.
```c
// Example pseudocode for initializing the SSM2603 via I2C
void init_SSM2603() {
I2C_Write(REG_RESET, 0x00); // Reset the device
I2C_Write(REG_POWER_DOWN, 0x00); // Power up all blocks
I2C_Write(REG_ANALOG_PATH, 0x12); // Select DAC and Mic Boost
I2C_Write(REG_DIGITAL_FORMAT, 0x02); // Set to I2S, 24-bit
I2C_Write(REG_ACTIVE, 0x01); // Activate the digital interface
}
```
---
## 4. Main Benefits
1. **Low Power Consumption:** Optimized for battery-powered devices.
2. **Flexible Routing:** Allows for side-tone attenuation and mixing of analog signals.
3. **Compact Footprint:** The 4x4mm LFCSP package is ideal for space-constrained PCBs.
- ⤷What are the power consumption figures for the SSM2603 in standby vs active mode?
- ⤷ Does the SSM2603 require an external PLL for clock generation?
- ⤷ How does the SSM2603 compare to the TLV320AIC3104 codec?