SSM2519ACBZ-R7
AI

### Overview of the SSM2519ACBZ-R7
The **SSM2519ACBZ-R7** is a highly integrated, digital input, Class-D audio power amplifier manufactured by **Analog Devices**. It is specifically designed for power-sensitive applications where board space is at a premium, such as smartphones, tablets, and portable media players.
---
### Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Type** | Digital Input Class-D Audio Amplifier |
| **Output Power** | 2 W into 4 $\Omega$ load (at 5V) |
| **Supply Voltage** | 2.5 V to 5.5 V |
| **Efficiency** | > 90% at 1 W into 8 $\Omega$ |
| **Interface** | I²C Control & I²S/TDM Digital Audio Data |
| **Package** | 12-ball WLCSP (Wafer Level Chip Scale Package) |
| **Signal-to-Noise Ratio** | 98 dB (A-weighted) |
---
### Functional Components & Features
#### 1. Digital Audio Interface
Unlike traditional amplifiers that take an analog signal, the SSM2519 accepts digital PCM data via **I²S** or **TDM** (Time Division Multiplexing). This eliminates the need for an external DAC (Digital-to-Analog Converter) on the application processor, reducing noise interference and part count.
#### 2. Control and Configuration
The device is configured via an **I²C interface**. This allows software control over:
* Digital volume (mute, attenuation steps).
* Dynamic Range Control (DRC).
* Device power-down modes.
* Sample rate selection (8 kHz to 192 kHz).
#### 3. Power Management
* **Low Quiescent Current:** Designed to preserve battery life in mobile devices.
* **Pop-and-Click Suppression:** Integrated circuitry ensures that no audible noise is heard during power-up or power-down sequences.
* **Short-Circuit & Thermal Protection:** Protects the internal circuitry and the connected speaker from damage.
#### 4. Filterless Modulation
The Class-D output stage uses a proprietary three-level sigma-delta ($\Sigma$-$\Delta$) modulator. This allows the amplifier to drive the speaker directly without a heavy/bulky LC low-pass filter, significantly reducing the bill of materials (BOM) and PCB footprint.
---
### Typical Application Circuit
The following represents the basic connection requirements for the SSM2519:
```c
// Connection Pins Overview
VDD/PVDD --> Power Supply (2.5V - 5.5V)
GND/PGND --> Ground
SDATA --> I2S Data Input
BCLK --> Bit Clock
LRCLK --> Left/Right Clock (Frame Sync)
SDA/SCL --> I2C Control Lines
OUT+/- --> Speaker Terminals (Direct Connection)
```
---
### Summary of Benefits
* **Space Saving:** The 12-ball WLCSP package is extremely small (approx. 1.5mm x 2.0mm).
* **High Performance:** Low Total Harmonic Distortion (THD + N) ensures high-fidelity sound.
* **Low EMI:** The edge-rate control and modulation scheme minimize electromagnetic interference, which is critical in cellular devices.
- ⤷
What are the advantages of using a digital I2S input over an analog input for this amplifier?
- ⤷ Can the SSM2519 be used in a stereo configuration
- ⤷ and if so
- ⤷ how?
- ⤷ What is the role of the Dynamic Range Control (DRC) feature in this chip?