AI

The **SSM2518CBZ-R7** is a highly integrated, digital input, Class-D audio power amplifier manufactured by Analog Devices. It is specifically designed for power-sensitive applications where board space is limited, such as mobile phones, tablets, and portable media players.
---
### ## 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Type** | Class-D Audio Amplifier |
| **Input Type** | Digital (I2C / I2S / TDM) |
| **Output Power** | 2.5W (into 4Ω) / 1.4W (into 8Ω) |
| **Voltage Range** | 2.5V to 5.5V (PVDD) |
| **Efficiency** | > 90% at 1.4W into 8Ω |
| **Package** | 12-ball WLCSP (Wafer Level Chip Scale Package) |
| **SNR** | 100 dB (A-weighted) |
---
### ## 2. Core Functional Blocks
The SSM2518 is unique because it eliminates the need for an external Digital-to-Analog Converter (DAC). Here are the primary internal components:
1. **Digital Audio Interface:** Supports I2S, left-justified, right-justified, and TDM formats. It can handle sample rates from 8 kHz to 96 kHz.
2. **Sigma-Delta Modulator:** Converts the digital input into a high-frequency bitstream to drive the Class-D output stage.
3. **H-Bridge Output Stage:** The "power" part of the chip that drives the speakers. It uses a filterless design to reduce the size of external components.
4. **Control Registers (I2C):** Allows software control over volume (80 steps), mute, power-down modes, and diagnostic monitoring (short circuit, thermal overload).
---
### ## 3. Pinout and Circuit Architecture
The device uses a **WLCSP** package, which is essentially the size of the silicon die itself. This requires high-precision PCB manufacturing.
```c
// Pseudo-code representation of I2C Configuration
void setup_SSM2518() {
I2C_Write(ADDR, 0x00, 0x01); // Reset the device
I2C_Write(ADDR, 0x02, 0x00); // Set Edge Rate for EMI control
I2C_Write(ADDR, 0x07, 0x40); // Set Master Volume to -20dB
}
```
---
### ## 4. Major Advantages
* **Low Noise:** Integrated digital-to-PWM conversion reduces noise pickup compared to analog-input amplifiers.
* **Filterless Operation:** It utilizes a proprietary "spread-spectrum" pulse density modulation to minimize EMI, often allowing it to connect directly to speakers without bulky LC filters.
* **Small Footprint:** Because it integrates the DAC and requires few external capacitors, it saves significant PCB "real estate."
---
### ## 5. Common Applications
* **Smartphones:** Driving the internal mono or stereo speakers.
* **Portable Computing:** Netbooks and tablets.
* **IoT Devices:** Smart speakers or voice-enabled home automation hubs.
- ⤷
What are the power supply requirements for the DVDD and PVDD pins?
- ⤷ How does the TDM mode allow for multiple SSM2518 chips on a single bus?
- ⤷ What is the specific meaning of the 'R7' suffix in the part number?