SSM2377ACBZ-R7
AI

The **SSM2377ACBZ-R7** is a high-efficiency, filterless, Class-D audio amplifier manufactured by Analog Devices. It is specifically designed for mobile electronics where board space is limited and power efficiency is critical.
---
### ## 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Amplifier Type** | Class D (Mono) |
| **Output Power** | 2.5 W into 4 $\Omega$ load (at 5.0 V) |
| **Supply Voltage** | 2.5 V to 5.5 V |
| **Efficiency** | Up to 92% |
| **Signal-to-Noise Ratio (SNR)** | 100 dB (typical) |
| **Package** | 9-ball WLCSP (Wafer Level Chip Scale Package) |
| **THD + N** | 0.02% (at 1 kHz, 500 mW output) |
---
### ## 2. Core Functional Blocks
1. **Analog Input Stage:** The device features fully differential inputs. This design is crucial for rejecting common-mode noise, such as the RF interference generated by mobile phone antennas.
2. **PWM Modulator:** It uses a high-speed Pulse Width Modulation (PWM) scheme. The SSM2377 utilizes a "Filterless" modulation technique, which allows the device to drive a speaker directly without a bulky LC (Inductor-Capacitor) filter.
3. **H-Bridge Output Stage:** The output stage consists of MOSFETs arranged in an H-bridge configuration to drive the speaker across the positive and negative terminals, maximizing the voltage swing from a single power supply.
4. **Protection Circuitry:**
* **Short-Circuit Protection:** Prevents damage if the speaker leads are shorted.
* **Thermal Shutdown:** Shuts the device down if the internal temperature exceeds safe limits.
---
### ## 3. Notable Features
* **Low Quiescent Current:** It draws very little power when active but not playing music (approx. 1.5 mA), extending battery life.
* **Ultralow Shutdown Current:** In standby mode, current consumption drops to less than 1 µA.
* **High PSRR:** The Power Supply Rejection Ratio (PSRR) is excellent (typically 80 dB), meaning noise from the battery or other switching regulators won't easily leak into the audio signal.
* **Pop-and-Click Suppression:** Integrated circuitry minimizes the audible "pops" or "clicks" that usually occur when the device is powered on or off.
---
### ## 4. Common Applications
Due to its small footprint and high efficiency, it is commonly found in:
* Smartphones and Tablets
* Portable Media Players
* Handheld Gaming Consoles
* Small Bluetooth Speakers
- ⤷How does the filterless Class-D design reduce PCB footprint compared to traditional Class-D amps?
- ⤷ What are the advantages of the 9-ball WLCSP package for this specific component?
- ⤷ How does the SSM2377 achieve high efficiency at low output power levels?