công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • SSM2305RMZ-R2

  • AI
    ## SSM2305RMZ-R2: Detailed Technical Overview The **SSM2305RMZ-R2** is a high-efficiency, filterless **Class-D audio amplifier** designed primarily for low-power, portable applications. It is manufactured by Analog Devices and is known for its high fidelity and minimal external component requirements. --- ### 1. Key Specifications The following table summarizes the primary electrical characteristics of the device: | Parameter | Specification | | :--- | :--- | | **Amplifier Type** | Class-D (Mono) | | **Output Power** | 2.8W (into 4Ω load at 5V) | | **Voltage Supply Range** | 2.5V to 5.5V | | **PSRR (Power Supply Rejection Ratio)** | 70 dB at 217 Hz | | **SNR (Signal-to-Noise Ratio)** | >98 dB | | **Efficiency** | Up to 90% | | **Package Type** | 8-Lead MSOP (RM-8) | --- ### 2. Functional Components & Architecture The SSM2305 utilizes a specific internal architecture to achieve high performance in a small footprint: * **Filterless Modulation:** Unlike traditional Class-D amplifiers that require a bulky LC (Inductor-Capacitor) filter at the output, the SSM2305 uses a proprietary modulation scheme. This allows it to drive a speaker directly via a short cable, reducing cost and PCB space. * **Fully Differential Inputs:** This design minimizes common-mode noise and interference, which is critical in devices like mobile phones or tablets where RF signals are present. * **Shutdown Mode:** It features a low-power shutdown mode (typically <100 nA) to preserve battery life when audio is not being played. * **Protection Circuitry:** * **Short-Circuit Protection:** Prevents damage if the speaker terminals are shorted. * **Thermal Shutdown:** Shuts the device down if it exceeds safe operating temperatures. --- ### 3. Application Use Cases Due to its high efficiency and low electromagnetic interference (EMI), it is commonly found in: 1. **Mobile Handsets:** For speakerphone or ringtone amplification. 2. **Portable Media Players:** Compact speakers for music. 3. **Laptops/Tablets:** Internal system audio. 4. **IoT Devices:** Voice-activated assistants or smart home alerts. --- ### 4. Typical Application Circuit A simplified representation of the connection logic: ```c [Audio Source (+)] ---- [C_in] ----> [IN+] (Pin 4) [Audio Source (-)] ---- [C_in] ----> [IN-] (Pin 3) [V_DD (2.5-5.5V)] ----------------> [VDD] (Pin 6) [GND] ----------------> [GND] (Pin 7) [OUT+] (Pin 5) --------------------> [Speaker Terminal +] [OUT-] (Pin 8) --------------------> [Speaker Terminal -] [SD_Pin] (Pin 1) <--- Control Logic (Enable/Disable) ```
    ✨ Follow-up Questions
    • ⤷ What are the advantages of a filterless Class-D design compared to traditional Class-AB amplifiers?
    • ⤷ How does the SSM2305 handle EMI (Electromagnetic Interference) without an output filter?
    • ⤷ What is the specific footprint and thermal pad requirement for the RM-8 package?