SSM2250RM-R2
AI

## SSM2250RM-R2: Electronic Overview
The **SSM2250RM-R2** is a specialized integrated circuit designed primarily as a high-performance **Stereo FM Receiver Subsystem**. It was manufactured by Analog Devices (though now largely considered an older/obsolete component in favor of newer digital architectures).
Below is a detailed breakdown of its electronic characteristics and functional blocks.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Function** | FM Stereo Receiver / Demodulator |
| **Package Type** | MSOP-8 (RM-8) |
| **Operating Voltage** | 2.7V to 6.0V |
| **Current Consumption** | ~6.5 mA (Active) |
| **Signal-to-Noise Ratio (SNR)** | 60 dB |
| **Total Harmonic Distortion (THD)** | 0.1% |
| **Channel Separation** | 35 dB |
---
### 2. Functional Blocks
The SSM2250 contains several internal stages required to convert an IF (Intermediate Frequency) signal into a stereo audio output:
* **Mixer & Local Oscillator:** It down-converts the incoming RF signal to a standard 10.7 MHz IF.
* **IF Limiter:** Ensures a constant amplitude signal is fed to the detector, removing AM noise components.
* **Quadrature Detector:** Demodulates the FM signal to extract the baseband audio (mono + pilot + stereo subcarrier).
* **Stereo Decoder (MPX):** Uses a Phase-Locked Loop (PLL) to detect the 19kHz pilot signal and decode the Left and Right audio channels.
* **Audio Amplifiers:** Low-noise output buffers to drive headphones or a secondary power amplifier stage.
---
### 3. Pinout Configuration (MSOP-8)
| Pin # | Name | Description |
| :--- | :--- | :--- |
| 1 | **VCC** | Positive Supply Voltage |
| 2 | **ROUT** | Right Channel Audio Output |
| 3 | **LOUT** | Left Channel Audio Output |
| 4 | **GND** | Ground |
| 5 | **TUNER IN** | RF/IF Signal Input |
| 6 | **OSC** | Oscillator Tank Circuit Connection |
| 7 | **FILT** | Loop Filter for the PLL |
| 8 | **DE-EMP** | De-emphasis capacitor connection (standard 50µs/75µs) |
---
### 4. Typical Application Circuit
To use the SSM2250, external passive components are required to set the timing and filtering characteristics.
```c
// Pseudo-Schematic Representation
[Antenna/IF] --> [Pin 5: Input]
[Pin 6] <--> [L-C Tank Circuit] // Sets the tuning frequency
[Pin 8] <--> [Capacitor to GND] // Sets De-emphasis
[Pin 2/3] --> [AC Coupling Caps] --> [Speakers/Headphones]
```
---
### 5. Summary of Use Cases
* **Portable Radios:** Due to its low power consumption and small MSOP footprint.
* **Cellular Handsets:** Historically used to provide FM radio functionality in early smartphones.
* **Embedded Audio:** Adding radio capabilities to microcontroller-based hobbyist projects or industrial alerts.
---
- ⤷
What are the modern replacements for the SSM2250 in digital tuning applications?
- ⤷ How do you calculate the de-emphasis capacitor value for Pin 8?
- ⤷ Can the SSM2250 be controlled via I2C or is it strictly analog?