công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • SSM2211CP-R2

  • AI
    ## Overview of the SSM2211CP-R2 The **SSM2211CP-R2** is a high-performance audio power amplifier designed for applications requiring low distortion and high output power within a small footprint. It is specifically engineered to drive low-impedance loads (typically 8 $\Omega$) while maintaining excellent thermal efficiency. --- ### Technical Specifications | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Analog Devices (ADI) | | **Amplifier Type** | Class AB | | **Output Power** | 1.5 W (into 8 $\Omega$ at 5V) | | **Supply Voltage Range** | 2.7 V to 5.5 V | | **THD + Noise** | 0.2% @ 1 W | | **Package** | LFCSP-8 (Lead Frame Chip Scale Package) | | **Shutdown Current** | < 100 nA (Typical) | | **Operating Temperature** | -40°C to +85°C | --- ### Key Internal Features 1. **Differential Output (BTL):** The device uses a Bridge-Tied Load (BTL) configuration. This allows the amplifier to provide twice the voltage swing compared to a single-ended output, resulting in four times the output power from the same supply voltage without needing a DC-blocking capacitor. 2. **Shutdown Mode:** It features a low-power shutdown mode that reduces the supply current to less than 100 nA. This is critical for battery-powered devices like mobile phones or portable radios. 3. **Unity-Gain Stability:** The amplifier is stable even at unity gain, providing flexibility for designers to set the gain using external resistors to match the input signal levels. 4. **Pop-and-Click Suppression:** Integrated circuitry minimizes audible noise (pops and clicks) during power-up and power-down cycles. --- ### Pin Configuration (LFCSP-8) | Pin No. | Name | Description | | :--- | :--- | :--- | | 1 | **SHUTDOWN** | Active high logic input to disable the device. | | 2 | **BYPASS** | Reference voltage bypass for internal bias. | | 3 | **+IN** | Non-inverting input. | | 4 | **-IN** | Inverting input. | | 5 | **VO1** | Output 1 (Positive phase). | | 6 | **VDD** | Positive supply voltage. | | 7 | **GND** | Ground reference. | | 8 | **VO2** | Output 2 (Negative phase). | --- ### Application Usage The SSM2211 is commonly found in: * **Portable Electronics:** Cell phones, PDAs, and handheld gaming consoles. * **Computing:** Internal laptop speakers and small desktop monitors. * **Communication:** Hands-free kits and two-way radios. * **Industrial:** Alarm systems and voice-prompted kiosks. --- ### Code Example: Gain Calculation To set the gain ($A_v$) of the SSM2211 in a standard inverting configuration, the following formula is used: ```python # Calculating Resistor values for a specific Gain # Gain (Av) = 2 * (Rf / Ri) # The factor of 2 accounts for the BTL output. def calculate_gain(rf, ri): gain = 2 * (rf / ri) return gain r_feedback = 20000 # 20k Ohms r_input = 10000 # 10k Ohms print(f"The total voltage gain is: {calculate_gain(r_feedback, r_input)}") ```
    ✨ Follow-up Questions
    • ⤷ What are the thermal management requirements for the LFCSP package of the SSM2211?
    • ⤷ How does the BTL configuration eliminate the need for output coupling capacitors?
    • ⤷ What is the difference between the R2 suffix and other versions like R-7?