công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • SSL1005M-R12MF-R39

  • AI
    The **SSL1005M-R12MF-R39** is a specific part number typically associated with a **High-Current Power Inductor** (often Surface Mount Device / SMD). These components are essential in power management circuits for filtering and energy storage. --- ## 1. Technical Specification Breakdown Based on standard industry naming conventions for this series (likely a shielded power inductor), here is the technical breakdown: | Feature | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Power Inductor | Used for DC-DC conversion and EMI filtering. | | **Inductance** | 0.12 µH | Indicated by "R12". | | **Tolerance** | ±20% | Indicated by "M" (Standard tolerance for inductors). | | **Size Code** | 1005 | Refers to physical dimensions (approx. 10mm x 5mm). | | **Construction** | Shielded / Molded | Designed to minimize electromagnetic interference (EMI). | --- ## 2. Key Characteristics * **Low DCR (DC Resistance):** These inductors are designed to have very low internal resistance to minimize power loss as heat. * **High Saturation Current ($I_{sat}$):** They can handle large surges of current without the magnetic core losing its inductive properties. * **SMD Design:** The "M" suffix often refers to a metal composite or molded construction, which provides excellent thermal stability and mechanical ruggedness. --- ## 3. Typical Applications These parts are commonly found in high-performance electronics where stable voltage regulation is required: 1. **Voltage Regulator Modules (VRM):** Found on motherboards and GPU cards to step down voltage for CPUs. 2. **DC-DC Converters:** Used in Buck or Boost converters for battery-powered devices. 3. **Industrial Power Supplies:** Providing clean power to sensitive sensors or microcontrollers. 4. **Telecommunications:** Noise filtering in high-frequency transmission equipment. --- ## 4. Equivalent Circuit Representation In a schematic, this part is represented as an inductor with parasitic resistance: ```text L = 0.12µH ---(UUUUUUU)--- | R_dcr (Internal Resistance) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum saturation current for the SSL1005M-R12MF-R39?
    • ⤷ Can this inductor be used in high-frequency switching above 1MHz?
    • ⤷ What are the physical dimensions in millimeters for the 1005 package?