công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • SSL1005M-85NMF-R55

  • AI
    The **SSL1005M-85NMF-R55** is a high-performance, surface-mount (SMD) power inductor. This component is typically utilized in power management circuits where high current handling and low electromagnetic interference (EMI) are required. ### 1. Key Technical Specifications Based on the part numbering convention for this series (often associated with manufacturers like Sumida or similar magnetic component specialists), here are the typical specifications: | Parameter | Value / Description | |:---|:---| | **Inductance** | 0.85 µH (Represented by "85N" or "R85") | | **Tolerance** | ±20% (Represented by "M") | | **Size Code** | 1005 (Approx. 10mm x 10mm footprint) | | **Mounting Type** | SMD (Surface Mount Device) | | **Core Material** | Metal Alloy / Magnetic Powder (High Saturation) | --- ### 2. Component Breakdown The part number can be decoded as follows: * **SSL**: Series name (Shielded Smart Layout / Standard Power Inductor). * **1005**: Dimensions (Length x Width), usually 10.0 mm x 10.0 mm. * **M**: Tolerance code (M = ±20%). * **85N**: Inductance value (85 Nanohenries, though in this series it often refers to a specific decimal mapping for 0.85µH). * **R55**: Revision or specific current rating code (often indicating a DC resistance or saturation current profile). --- ### 3. Features and Applications #### Features: * **Magnetic Shielding:** The "M" series usually features a shielded construction to minimize flux leakage and prevent interference with nearby components. * **High Saturation Current:** Designed to maintain inductance even under heavy DC loads. * **Low DCR:** Low Direct Current Resistance to maximize efficiency and reduce heat generation. #### Typical Applications: 1. **DC-DC Converters:** Used in buck, boost, or buck-boost regulators. 2. **GPU/CPU Power Supply:** Ideal for high-current "Vcore" rails in computing. 3. **Industrial Electronics:** Reliable performance in power modules for automation. 4. **Telecommunications:** Used in base stations and networking hardware. --- ### 4. Comparison with Standard Ferrite Inductors Compared to standard ferrite core inductors, the **Metal Alloy** type (like the SSL series) offers: * **Soft Saturation:** The inductance drops gradually rather than abruptly when current limits are exceeded. * **Thermal Stability:** Better performance across a wide temperature range.
    ✨ Follow-up Questions
    • ⤷ What is the maximum saturation current (Isat) for the SSL1005M series?
    • ⤷ How does the metal alloy core improve performance over ferrite cores in DC-DC converters?
    • ⤷ What are the exact physical dimensions (height) of the 1005 package?