SSL0503HC-R56M-N
AI

The **SSL0503HC-R56M-N** is a specialized electronic component, specifically a **Surface Mount (SMD) Power Inductor**. These components are critical in power management circuits for energy storage and filtering.
Below is a detailed breakdown of its specifications and characteristics.
---
### 1. Part Number Deciphering
Understanding the alphanumeric code helps identify the part's physical and electrical properties:
| Segment | Meaning | Detail |
| :--- | :--- | :--- |
| **SSL** | Series Name | High-current power inductor series. |
| **0503** | Physical Size | Roughly 5.0mm x 3.0mm footprint (standard metric/imperial hybrid). |
| **HC** | Feature | High Current capability. |
| **R56** | Inductance Value | **0.56 µH** (Microhenries). |
| **M** | Tolerance | **±20%** deviation allowed from nominal inductance. |
| **N** | Lead-free/RoHS | Indicates environmental compliance (Non-hazardous). |
---
### 2. Technical Specifications
While exact values can vary slightly by manufacturer (often Chilisin or similar vendors), the general specifications for this part include:
* **Inductance:** 0.56 µH.
* **Operating Temperature:** Typically -40°C to +125°C.
* **Saturation Current ($I_{sat}$):** The current level where inductance drops (usually very high in HC models, often >10A).
* **DC Resistance (DCR):** Extremely low, measured in milliohms ($m\Omega$), to minimize power loss as heat.
* **Shielding:** Usually unshielded or semi-shielded depending on the specific molding.
---
### 3. Core Functions & Applications
This part is primarily used in **DC-DC Converters** and **Voltage Regulator Modules (VRMs)**.
#### A. Key Functions
1. **Energy Storage:** Stores energy in a magnetic field during the "on" cycle of a switching regulator.
2. **Filtering:** Smooths out the output current to provide a steady voltage to sensitive chips (CPUs, GPUs).
3. **Noise Suppression:** Blocks high-frequency AC interference.
#### B. Common Applications
* **Graphic Cards:** High-current power phases for GPUs.
* **Motherboards:** VCore power delivery.
* **Laptops:** Power management for processors.
* **Servers:** High-efficiency power modules.
---
### 4. PCB Design Considerations
When using the `SSL0503HC-R56M-N` in a circuit design, keep the following in mind:
```markdown
* Thermal Management: Place the inductor away from heat-sensitive capacitors.
* Trace Width: Use wide copper pours to handle the high current this part is rated for.
* EMI: Since it is a high-current inductor, be mindful of electromagnetic interference on nearby signal traces.
```
---
- ⤷
What is the saturation current rating for the SSL0503HC series?
- ⤷ Can this inductor be replaced with a shielded equivalent of the same inductance?
- ⤷ How does the 'R56' notation differ from '560' in inductor labeling?