công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • SS69

  • AI
    The **SS69** typically refers to a series of **Low Dropout (LDO) Linear Voltage Regulators** or specialized **Motor Driver ICs**, depending on the specific manufacturer prefix (such as Silergy or specialized Chinese semiconductor brands). Below is a breakdown of the most common component associated with this designation: the **SS69XX Series Voltage Regulator**. --- ## 1. Component Overview The SS69 series is designed for battery-powered applications and portable electronics where low power consumption and small physical footprint are critical. ### Key Specifications | Feature | Typical Value | | :--- | :--- | | **Input Voltage Range** | 2.5V to 6.0V | | **Output Voltage Options** | Fixed (1.2V, 1.8V, 2.5V, 3.3V) | | **Max Output Current** | 300mA to 600mA | | **Quiescent Current** | ~60µA (Low power consumption) | | **Dropout Voltage** | ~200mV @ 300mA | | **Package Types** | SOT-23, SOT-89, SOT-23-5 | --- ## 2. Pin Configuration (SOT-23-5) If the device is in a standard 5-pin SOT package, the pinout usually follows this structure: | Pin Number | Name | Function | | :--- | :--- | :--- | | 1 | **VIN** | Input Voltage Supply | | 2 | **GND** | Ground | | 3 | **EN** | Enable Pin (High = On, Low = Off) | | 4 | **NC/BP** | No Connection or Bypass Capacitor | | 5 | **VOUT** | Regulated Output Voltage | --- ## 3. Key Features * **Low Noise:** High PSRR (Power Supply Rejection Ratio) makes it suitable for RF and sensitive analog circuits. * **Safety Protections:** * *Thermal Shutdown:* Prevents the chip from burning out if it gets too hot. * *Current Limiting:* Protects against short circuits. * **Stability:** Designed to be stable with low-ESR ceramic capacitors. --- ## 4. Common Applications 1. **Mobile Phones:** Powering internal sensors and logic blocks. 2. **IoT Devices:** Used in ESP8266/ESP32 modules for 3.3V regulation. 3. **Portable Med-Tech:** Glucose meters and handheld monitors. 4. **Wireless Modules:** Bluetooth and Zigbee transceivers. --- ## 5. Alternative Identification If your "SS69" is part of a **Motor Driver** (e.g., SS6908), it serves a very different purpose: * **Function:** H-Bridge driver for DC motors. * **Operation:** Uses PWM to control speed and direction. * **Voltage:** Often supports up to 18V.
    ✨ Follow-up Questions
    • ⤷What are the differences between the SS69 LDO and the SS6908 motor driver?
    • ⤷ How do I calculate the power dissipation for an SS69 regulator?
    • ⤷ What are the best equivalents or substitutes for an SS69 voltage regulator?